| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADAPT/FMEF/SMAM bảng dữ liệu(PDF) 1 Page - Siretta Limited. |
|
|
|||||||||||||||||||||||||||||
ADAPT/FMEF/SMAM bảng dữ liệu(HTML) 1 Page - Siretta Limited. |
|
1 / 9 page ![]() Privacy - Terms RF Adapters RF adapters are used to connect different configurations of cable termination together or to offer the ability to swap out or change the length of an RF link. Siretta have a large range of adapters fo most of the common industry standard configurations used in the industrial environment. We can also provide support with the best combination of cable harness and adapter combinations to get the most out of your application. RF Magnetic Base Improve network signal quality by positioning the antenna separate from the WiFi router. Raising the height of the antenna by as little as 0.5m can have a positive effect on the signal strength. The base is capable of supporting the DELTA type (Direct Attach) antennas without using the inbuilt magnet. When using the base externally it benefits from being mounted on a metal surface to sto the wind from blowing it over. RF Accessories ConnectingyourIoTapplications Latest News Products Applications Support Downloads Thought Leadership About Siretta Contact Siretta Vacancies Where to Buy Request For Quote Siretta Blogs Testimonials Events Privacy Policy / GDPR |
Số phần tương tự - ADAPT/FMEF/SMAM |
|
Mô tả tương tự - ADAPT/FMEF/SMAM |