công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAPT/N-TYPEM/SMAF bảng dữ liệu(PDF) 69 Page - Siretta Limited.

tên linh kiện ADAPT/N-TYPEM/SMAF
Giải thích chi tiết về linh kiện  Antennas, RF Cables & Adaptors
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIRETTA [Siretta Limited.]
Trang chủ  https://www.siretta.com/
Logo SIRETTA - Siretta Limited.

ADAPT/N-TYPEM/SMAF bảng dữ liệu(HTML) 69 Page - Siretta Limited.

Back Button ADAPT/N-TYPEM/SMAF Datasheet HTML 65Page - Siretta Limited. ADAPT/N-TYPEM/SMAF Datasheet HTML 66Page - Siretta Limited. ADAPT/N-TYPEM/SMAF Datasheet HTML 67Page - Siretta Limited. ADAPT/N-TYPEM/SMAF Datasheet HTML 68Page - Siretta Limited. ADAPT/N-TYPEM/SMAF Datasheet HTML 69Page - Siretta Limited. ADAPT/N-TYPEM/SMAF Datasheet HTML 70Page - Siretta Limited. ADAPT/N-TYPEM/SMAF Datasheet HTML 71Page - Siretta Limited. ADAPT/N-TYPEM/SMAF Datasheet HTML 72Page - Siretta Limited. ADAPT/N-TYPEM/SMAF Datasheet HTML 73Page - Siretta Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 76 page
background image
69
We have a range of high quality connector and adaptor products
suitable for the production of new cable assemblies, the
re-termination of existing cables, or for providing compatibility to
existing cables or equipment.
About RF Connectors and Adaptors
Connector products are offered in
the popular SMA, FME and MMCX
styles for RG58 and RG174 cable
types. All connectors are designed
for crimp termination ensuring
a reliable and high performance
connection for a variety of wireless
applications.
Adaptors are suitable for extending
or joining cable runs or equipment
terminated with alternative
connector types, avoiding the
need to re-terminate or change
the existing installation. Adaptors
may be used either as a temporary
solution to provide compatibility,
or for permanent installation into a
working system.
RF Connectors
RF Adaptors
For more information contact:
+44 (0)118 976 9014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76