| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
32888 bảng dữ liệu(PDF) 8 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
32888 bảng dữ liệu(HTML) 8 Page - Wiha Tools |
|
8 / 44 page ![]() 8 Insulated Electrician’s Cable Stripping Knife, With Insulated Handle, Insulation According To VDE Specification, Up To 1000 Volt. Individually Tested. Blade tool steel, hardened, molded directly on. Cover included. Item Blade OAL OAL No. mm mm Inch lbs. pkg. 50 216 8.5 .30 1 1000Volt Insulated Electrician’s Cable Stripping Knife, With Insulated Handle, Insulation According To VDE Specification, Up To 1000 Volt. Individually Tested. Straight, partly insulated, strong blade. Insulation molded directly on. Cover included. Item Blade OAL OAL No. mm mm Inch lbs. pkg. 50 230 9.0 .23 1 1000Volt Insulated Stripping Knife, With Insulated Handle Insulation According To VDE Specification, Up To 1000 Volt. Individually Tested. Blade tool steel, hardened. Insulation molded directly on. Hooked cutting edge, half-round ground. Cover included. Item Blade OAL OAL No. mm mm Inch lbs. pkg. 35 222 8.75 .22 1 1000Volt Wiha Insulated Electrician’s Knives Insulation Test Standards: Insulation according to ASTM, EN/IEC, VDE & CSA Specification Individually tested Each tool individually tested to 10,000 volts & rated to 1000 Volt ac or 1500 Volt dc 1000V Insulation molded on for permanent bonding Insulated 8” Adjustable Wrench Insulation According to ASTM, EN/IEC, NFPA, CSA and ISO Specification, up to 1000 Volt. Individually Tested. Etched on scale for pre-setting size. Slip guard handle for added protection. Item OAL OAL Capacity No. Inch mm Opening lbs. pkg. 8.0 200 1” .7 1 1000Volt Insulated 10” Adjustable Wrench Insulation According to ASTM, EN/IEC, NFPA, CSA and ISO Specification, up to 1000 Volt. Individually Tested. Etched on scale for pre-setting size. Slip guard handle for added protection. Item OAL OAL Capacity No. Inch mm Opening lbs. pkg. 10.0 250 1-1/4” 1.4 1 1000Volt Insulated 12” Adjustable Wrench Insulation According to ASTM, EN/IEC, NFPA, CSA and ISO Specification, up to 1000 Volt. Individually Tested. Etched on scale for pre-setting size. Slip guard handle for added protection. Item OAL OAL Capacity No. Inch mm Opening lbs. pkg. 12.0 300 1-1/2” 1.9 1 1000Volt Insulated 15” Adjustable Wrench Insulation According to ASTM, EN/IEC, NFPA, CSA and ISO Specification, up to 1000 Volt. Individually Tested. Etched on scale for pre-setting size. Slip guard handle for added protection. Item OAL OAL Capacity No. Inch mm Opening lbs. pkg. 15.0 380 1-11/16” 2.8 1 1000Volt 1000Volt Wiha Insulated Adjustable Wrenches 3 Pc. Insulated Adjustable Wrenches Etched on scale for pre-setting size. Slip guard handle for added protection. Item No. Set includes the following: lbs. 4.0 8.0”, 10.0”, 12.0” Adjustable Pliers 15000 15000 15003 15003 15050 15050 76208 76208 76210 76210 76212 76212 76215 76215 76290 76290 SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP Toll Free: (800) 494-6104 |