| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
32521 bảng dữ liệu(PDF) 5 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
32521 bảng dữ liệu(HTML) 5 Page - Wiha Tools |
|
5 / 44 page ![]() Inch Open-End Wrenches, With Insulated Handle Insulation According to VDE Specification 0680 and EN/IEC 60900, DIN 7446 and CSA, up to 1000 Volt. Individually Tested. Chrome-vanadium steel, hardened. Angled 15O. Item OAL OAL No. Inch mm Inch lbs. pkg. 1/4 87.5 3.4 .04 1 5/16 100 3.9 .05 1 3/8 105 4.1 .09 1 7/16 117 4.6 .09 1 1/2 140 5.5 .15 1 9/16 146 5.7 .15 1 5/8 158 6.2 .20 1 11/16 165 6.5 .23 1 3/4 178 7.0 .33 1 13/16 191 7.5 .42 1 7/8 192 7.6 .44 1 15/16 201 7.9 .51 1 1 213 8.4 .61 1 1-1/16 233 9.2 .79 1 1-1/8 233 9.2 .77 1 * Lengths are +/- 5% due to coating process 1000Volt Metric Open-End Wrenches, With Insulated Handle Insulation According to VDE Specification 0680 and EN/IEC 60900, DIN 7446 and CSA, up to 1000 Volt. Individually Tested. Chrome-vanadium steel, hardened. Angled 15O. Item OAL OAL No. mm mm Inch lbs. pkg. 6.0 97 3.8 .04 1 7.0 98 3.9 .05 1 8.0 104 4.1 .07 1 9.0 108 4.3 .07 1 10.0 107 4.2 .08 1 11.0 118 4.6 .11 1 12.0 129 5.1 .11 1 13.0 137 5.4 .19 1 14.0 150 5.9 .19 1 15.0 151 5.9 .17 1 16.0 164 6.5 .22 1 17.0 168 6.4 .24 1 18.0 173 6.8 .41 1 19.0 178 7.0 .32 1 20.0 190 6.9 .36 1 22.0 196 7.7 .39 1 24.0 211 8.3 .58 1 27.0 218 8.6 .68 1 30.0 235 9.3 .97 1 32.0 237 9.3 1.01 1 1000Volt 5 13 Piece Insulated Inch Open End Wrench Set In Tool Box Tray Item OAL OAL No. Inch Inch Inch Inch lbs. 1/4 3.4 11/16 6.5 4.90 5/16 3.9 3/4 7.0 3/8 4.1 13/16 7.5 7/16 4.6 7/8 7.6 1/2 5.5 15/16 7.9 9/16 5.7 1 8.4 5/8 6.2 1000Volt 13 Pc. Insulated Metric Open End Wrench Set In Tool Box Tray Item OAL OAL No. mm mm mm mm lbs. 8.0 104 16.0 164 4.90 10.0 107 17.0 168 11.0 118 18.0 173 12.0 129 19.0 178 13.0 137 22.0 196 14.0 150 24.0 211 15.0 151 In Tool Box Tray 1000Volt In Tool Box Tray 20131 20133 20135 20136 20137 20138 20140 20141 20142 20144 20145 20146 20147 20148 20149 200 20006 20007 20008 20009 20010 20011 20012 20013 20014 20015 20016 20017 20018 20019 20020 20022 20024 20027 20030 20032 201 20194 20194 20196 20196 www.wihatools.com SHOP SHOP SHOP SHOP |