công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRF51422-QFAA-R7 bảng dữ liệu(PDF) 26 Page - Nordic Semiconductor

tên linh kiện NRF51422-QFAA-R7
Giải thích chi tiết về linh kiện  Multiprotocol ANT™/Bluetooth® low energy System on Chip
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORDIC [Nordic Semiconductor]
Trang chủ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51422-QFAA-R7 bảng dữ liệu(HTML) 26 Page - Nordic Semiconductor

Back Button NRF51422-QFAA-R7 Datasheet HTML 22Page - Nordic Semiconductor NRF51422-QFAA-R7 Datasheet HTML 23Page - Nordic Semiconductor NRF51422-QFAA-R7 Datasheet HTML 24Page - Nordic Semiconductor NRF51422-QFAA-R7 Datasheet HTML 25Page - Nordic Semiconductor NRF51422-QFAA-R7 Datasheet HTML 26Page - Nordic Semiconductor NRF51422-QFAA-R7 Datasheet HTML 27Page - Nordic Semiconductor NRF51422-QFAA-R7 Datasheet HTML 28Page - Nordic Semiconductor NRF51422-QFAA-R7 Datasheet HTML 29Page - Nordic Semiconductor NRF51422-QFAA-R7 Datasheet HTML 30Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 115 page
background image
Page 26
nRF51422 Product Specification v3.1
3.5
Programmable Peripheral Interconnect (PPI)
The Programmable Peripheral Interconnect (PPI) enables peripherals to interact autonomously with each
other using tasks and events independent of the CPU. The PPI allows precise synchronization between
peripherals when real-time application constraints exist and eliminates the need for CPU activity to
implement behavior which can be predefined using PPI.
Table 9 PPI properties
The PPI system has in addition to the fully programmable peripheral interconnections, a set of channels
where the event (EEP) and task (TEP) endpoints are set in hardware. These fixed channels can be individually
enabled, disabled, or added to PPI channel groups in the same way as ordinary PPI channels. See the nRF51
Series Reference Manual for more information.
Table 10 Pre-programmed PPI channels
Instance
Channel
Number of channels
Number of groups
PPI
0 - 15
16
4
Instance
Channel
Number of channels
Number of groups
PPI
20 - 31
12
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com