| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NPM1100-CAAA-R bảng dữ liệu(PDF) 54 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NPM1100-CAAA-R bảng dữ liệu(HTML) 54 Page - Nordic Semiconductor |
|
54 / 58 page ![]() Ordering information Abbreviation Definition and implemented codes N11/nPM11 nPM11 series product 00 Part code <PP> Package variant code <VV> Function variant code <H><P><F> Build code H - Hardware version code P - Production configuration code (production site, etc.) F - Firmware version code (only visible on shipping container label) <YY><WW><LL> Tracking code YY - Year code WW - Assembly week number LL - Wafer lot code <CC> Container code eX 2nd level Interconnect Symbol where value of X is based on J-STD-609 Table 26: Abbreviations 9.4 Code ranges and values The following tables define the nPM1100 code ranges and values. <PP> Package Size (mm) Pin/Ball count Pitch (mm) CA WLCSP 2.075x2.075 25 0.4 Table 27: Package variant codes <VV> Flash (kB) RAM (kB) AA n/a n/a Table 28: Function variant codes <H> Description [A . . Z] Hardware version/revision identifier (incremental) Table 29: Hardware version codes 4445_367 v1.0 54 |