| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
39255 bảng dữ liệu(PDF) 21 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
39255 bảng dữ liệu(HTML) 21 Page - Wiha Tools |
|
21 / 40 page ![]() 7148 CS CentroFix SuperSlim quick release holder, magnetic, style E 6.3. Sleeve: Stainless steel. Suitable for: For bits according to DIN 3126, ISO 1173 style C 6.3 and E 6.3. Drive: DIN 3126, ISO 1173, style E 6.3. Packaging: Plastic box, reusable and dust repellent. Application: Particularly suitable for applications in confined working environments. Ideal for screw profiles (e.g. Torx) which tend to jam in the screw. Extra: Bit is automatically locked when inserted - SelfLock. Simple bit removal thanks to EasyOut ejection function. Robust operating sleeve of aluminium. With strong Neodym magnet. Ord.No. 39134 10 1/4 1/4 66 All prices are quoted net/pc. Page 21 of 40 |