công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

30239 bảng dữ liệu(PDF) 24 Page - Wiha Tools

tên linh kiện 30239
Giải thích chi tiết về linh kiện  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WIHA [Wiha Tools]
Trang chủ  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30239 bảng dữ liệu(HTML) 24 Page - Wiha Tools

Back Button 30239 Datasheet HTML 20Page - Wiha Tools 30239 Datasheet HTML 21Page - Wiha Tools 30239 Datasheet HTML 22Page - Wiha Tools 30239 Datasheet HTML 23Page - Wiha Tools 30239 Datasheet HTML 24Page - Wiha Tools 30239 Datasheet HTML 25Page - Wiha Tools 30239 Datasheet HTML 26Page - Wiha Tools 30239 Datasheet HTML 27Page - Wiha Tools 30239 Datasheet HTML 28Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
24
Toll Free: (800) 494-6104
Security Hex Metric Power Blades
S2 modified tool steel. Hardened & tempered
to HRC 60. Blades fit CentroFix power blade
handle. OAL 90mm/3.5”.
Item
No.
mm
lbs.
pkg.
76001
2.5
.02
1
76002
3.0
.02
1
76003
4.0
.03
1
76004
5.0
.04
1
760
Security Hex Inch Power Blades
OAL 90mm/3.5”.
Item
No.
Inch
lbs.
pkg.
76046
5/64
.01
1
76047
3/32
.02
1
76048
7/64
.02
1
76049
1/8
.03
1
76050
9/64
.03
1
76051
5/32
.04
1
76052
3/16
.04
1
76053
7/32
.05
1
76054
1/4
.06
1
760
Security
Power Blades
S2 modified tool steel. Hardened & tempered
to HRC 60. Blades fit CentroFix power blade
handle. OAL 90mm/3.5”.
Item
No.
Size
lbs.
pkg.
76008
T8s
.02
1
76009
T9s
.02
1
76010
T10s .02
1
76015
T15s .02
1
76020
T20s .02
1
76025
T25s .03
1
76027
T27s .03
1
76030
T30s .04
1
76040
T40s .04
1
760
9 Piece Security
Blade Set
Item
Set includes: T8s,
No.
lbs.
T9s, T10s, T15s,
76092
.30
T20s, T25s,T27s,
T30s, T40s
76092
4 Piece Security Hex Blade Set
Item
Set includes:
No.
lbs.
Metric: 2.5, 3.0,
76090
.12
4.0, 5.0 x 90mm
76090
10 Piece Security Hex Blade Set
Item
Set includes:
No.
lbs.
Inch: 1/16*, 5/64,
76096
.32
3/32, 7/64, 1/8,
9/64, 5/32, 3/16,
7/32, 1/4” x 90mm
* 1/16” Standard Inch Hex Only
76096
Canvas Folding Wallet
Holds 38 90mm power blades.
Item
No.
Size
lbs. pkg.
76079
7-1/8” x 6” x 2”
.42 1
76079
76098
36 Pc. Power Blade Set, In Folding
Wallet Set includes cushion grip CentroFix
Blade Holder & 35 interchangeable blades.
Item No. 76098
lbs. 1.86
Slotted: 2.5, 3.0, 4.5, 5.5, 6.0mm
Phillips: #0, 1, 2, 3
Security
: T8s, T9s, T10s, T15s,
T20s, T25s, T27s, T30s, T40s
Security Hex Metric: 2.5, 3.0, 4.0, 5.0mm
Pozidriv®: #1, 2, 3 & Square: #1, 2, 3
Spanner: #6, 8, 10 & Tri-Wing: #1, 2, 3, 4
Cushion Grip CentroFix Blade Holder
76099
37 Pc. Power Blade Set, In Folding
Wallet Set includes cushion grip CentroFix
Blade Holder & 36 interchangeable blades.
Item No. 76099
lbs. 2.06
Slotted: 2.5, 3.0, 4.5, 5.5, 6.0mm
Phillips: #0, 1, 2, 3
Security
: T8s, T9s, T10s, T15s,
T20s, T25s, T27s, T30s
Security Hex Inch: 1/16*, 5/64, 3/32, 7/64,
1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
Pozidriv®: #1, 2, 3 & Square: #1, 2, 3
4” Nut Setters: 1/4, 5/16, 3/8”
Cushion Grip CentroFix Blade Holder
* 1/16” Standard Inch Hex Only
Wiha 90mm Power Blades & Sets
Hex Inch Power Blades
S2 modified tool steel. Hardened & tempered
to HRC 60. Blades fit CentroFix power blade
handle. OAL 90mm/3.5”.
Item
No.
Inch
lbs.
pkg.
76045
1/16
.01
1
76005
5/64
.01
1
76007
3/32
.02
1
76008
7/64
.02
1
76014
1/8
.03
1
76016
9/64
.03
1
76017
5/32
.04
1
76018
3/16
.04
1
76019
7/32
.05
1
76021
1/4
.06
1
760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com