công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

30298 bảng dữ liệu(PDF) 11 Page - Wiha Tools

tên linh kiện 30298
Giải thích chi tiết về linh kiện  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WIHA [Wiha Tools]
Trang chủ  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30298 bảng dữ liệu(HTML) 11 Page - Wiha Tools

Back Button 30298 Datasheet HTML 7Page - Wiha Tools 30298 Datasheet HTML 8Page - Wiha Tools 30298 Datasheet HTML 9Page - Wiha Tools 30298 Datasheet HTML 10Page - Wiha Tools 30298 Datasheet HTML 11Page - Wiha Tools 30298 Datasheet HTML 12Page - Wiha Tools 30298 Datasheet HTML 13Page - Wiha Tools 30298 Datasheet HTML 14Page - Wiha Tools 30298 Datasheet HTML 15Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
11
www.wihatools.com
Set 7 Pcs.
Blade high
alloy CVM steel, hardened, hard chromed.
Wiha-SoftFinish® handle, multi-component.
Item
No.
Size
mm
Size
mm
lbs.
36299
IP8
60
IP25
100
.99
IP10
80
IP30
115
IP15
80
IP40
130
IP20
100
Screwdriver With Wiha SoftFinish® Handle
Round blade high alloy Chrome-vanadium-molybdenum tool steel, hardened, hard chromed.
Wiha-Chromtop finish on tips.
Item
No.
Size
mm Inch
mm Inch
mm
Inch
mm Inch
lbs. pkg.
36211
IP6
60
2.4
3.5
.139
164
6.5
23
.91
.06
10
36223
IP7
60
2.4
3.5
.139
164
6.5
23
.91
.06
10
36228
IP8
60
2.4
4.0
.157
171
6.7
23
.91
.10
10
36229
IP9
60
2.4
4.0
.157
171
6.7
30
1.18
.11
10
36233
IP10
80
3.1
4.0
.157
191
7.5
30
1.18
.11
10
36238
IP15
80
3.1
4.0
.157
191
7.5
30
1.18
.11
10
36239
IP20
100 3.9
4.5
.177
211
8.3
36
1.42
.11
10
36243
IP25
100 3.9
5.5
.216
211
8.3
36
1.42
.19
10
36248
IP27
115 4.5
6.0
.236
233
9.2
36
1.42
.20
10
36253
IP30
115 4.5
7.0
.275
233
9.2
36
1.42
.28
10
36255
IP40
130 5.1
7.0
.275
254
10.0
41
1.61
.28
10
36299
362
Set 6 Pcs.
Blade high
alloy CVM steel, hardened, hard chromed.
Wiha-SoftFinish® handle, multi-component.
Item
No.
Size
mm
Size
mm
lbs.
36296
IP6
60
IP9
60
.62
IP7
60
IP10
80
IP8
60
IP15
80
36296
Wiha
Cushion Grip Drivers
Not for use in standard Torx fasteners
Set 8 Pcs.
Blade high
alloy CVM steel, hardened, hard chromed.
Wiha-SoftFinish handle, multi-component.
Item
No.
Size
mm
Size
mm lbs.
36297
IP6
60
IP10
80
1.47
IP7
60
IP15
80
IP8
60
IP20
100
IP9
60
IP25
100
36297
Screwdriver With Wiha SoftFinish® Handle In Clamshell
Round blade high alloy Chrome-vanadium-molybdenum tool steel, hardened, hard chromed.
Wiha-Chromtop finish on tips.
Item
No.
Size
mm Inch
mm Inch
mm
Inch
mm Inch
lbs. pkg.
36214
IP6
60
2.4
3.5
.139
164
6.5
23
.91
.06
1
36231
IP7
60
2.4
3.5
.139
164
6.5
23
.91
.06
1
36232
IP8
60
2.4
4.0
.157
171
6.7
23
.91
.10
1
36241
IP9
60
2.4
4.0
.157
171
6.7
30
1.18
.11
1
36242
IP10
80
3.1
4.0
.157
191
7.5
30
1.18
.11
1
36246
IP15
80
3.1
4.0
.157
191
7.5
30
1.18
.11
1
36247
IP20
100 3.9
4.5
.177
211
8.3
36
1.42
.11
1
36252
IP25
100 3.9
5.5
.216
211
8.3
36
1.42
.19
1
36262
IP27
115 4.5
6.0
.236
233
9.2
36
1.42
.20
1
36263
IP30
115 4.5
7.0
.275
233
9.2
36
1.42
.28
1
36265
IP40
130 5.1
7.0
.275
254
10.0
41
1.61
.28
1
362
Not for use in standard Torx fasteners
In clamshell for hanging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44