công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B86305L bảng dữ liệu(PDF) 2 Page - EPCOS

tên linh kiện B86305L
Giải thích chi tiết về linh kiện  EMC filters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EPCOS [EPCOS]
Trang chủ  http://www.epcos.com
Logo EPCOS - EPCOS

B86305L bảng dữ liệu(HTML) 2 Page - EPCOS

  B86305L Datasheet HTML 1Page - EPCOS B86305L Datasheet HTML 2Page - EPCOS B86305L Datasheet HTML 3Page - EPCOS B86305L Datasheet HTML 4Page - EPCOS B86305L Datasheet HTML 5Page - EPCOS B86305L Datasheet HTML 6Page - EPCOS B86305L Datasheet HTML 7Page - EPCOS B86305L Datasheet HTML 8Page - EPCOS B86305L Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1) According to IEC 60529
3-phase line reactors for converters
Rated voltage VR:520VAC
Rated current IR:4Ato900 A
Schematic picture
Construction
3-phase line reactor
Natural cooling
Features
Easy to install
Low weight
Compact design
Design complies with IEC 60076-6
Degree of protection1):
IP20 (4 A ... 21 A, 35 A, 46 A)
IP10 (30 A, 50 A, 60 A)
IP00 (75 A ... 900 A)
Inductance constant up to 1.5
× I
R
Inductance higher than 60% of rated value at 3
× I
R
UL approved insulation system class 155 (F)
Typical applications
Frequency converters for motor drives, e.g.
elevators
pumps
traction systems
conveyor systems
HVAC systems (heating, ventilation and air
conditioning)
Power supplies
Terminals
Finger-safe terminals (< 75 A)
Busbars from 75 A
Marking
Marking on component:
Manufacturer's logo, ordering code, rated current, rated
frequency, inductance, approximate weight, date code
Minimum data on packaging:
Manufacturer's logo, ordering code, quantity, date code
Line reactors, output chokes and output filters
B86305L
3-phase line reactors for converters
Page2of15
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com