| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FL10/24 bảng dữ liệu(PDF) 1 Page - BLOCK Transformatoren-Elektronik GmbH |
|
|
|||||||||||||||||||||||||||||
FL10/24 bảng dữ liệu(HTML) 1 Page - BLOCK Transformatoren-Elektronik GmbH |
|
1 / 2 page ![]() Mains transformer FL 10/24 Advantages Minimum size at high output Low height Dual input voltage for series or parallel connection Dual output voltage for series or parallel connection Permanent corrosion protection, high insulation value and maximum electrical reliability thanks to XtraDenseFill resin encapsulation Self-extinguishing potting material Applications As a mains transformer for adjustment of the voltage and simple electrical isolation. As an isolating transformer for the safe electrical isolation of the input and output sides. The transformer may be used to set up protective separation as a protective measure in accordance with VDE 0100. As a safety isolating transformer for the safe electrical isolation of the input and output sides. The transformer is suitable for creating SELV and PELV circuits because of the limit on the output voltage. Sample application Standards Z Mains transformer to: VDE 0570 Teil 2-1, DIN EN 61558-2-1, EN 61558-2-1, IEC 61558-2-1, UL 5085-1/-2, CSA 22.2 No.66 Approvals W / Z UL 5085-1/-2, CSA 22.2 No.66 Picture shows FL 42/12 |
Số phần tương tự - FL10/24 |
|
Mô tả tương tự - FL10/24 |