| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74LVC74AD bảng dữ liệu(PDF) 9 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC74AD bảng dữ liệu(HTML) 9 Page - Nexperia B.V. All rights reserved |
|
9 / 19 page ![]() 74LVC74A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 7 — 20 November 2012 9 of 19 NXP Semiconductors 74LVC74A Dual D-type flip-flop with set and reset; positive-edge trigger 11. AC waveforms The shaded areas indicate when the input is permitted to change for predictable output performance. Measurement points are given in Table 9. VOL and VOH are typical output voltage levels that occur with the output load. Fig 7. The clock input (nCP) to output (nQ, nQ) propagation delays, the clock pulse width, the nD to nCP set-up, the nCP to nD hold times, and the maximum frequency mna422 th tsu th tPHL tPHL tW tPLH tPLH tsu 1/fmax VM VM VM VM VI GND VI GND nCP input nD input VOH VOL nQ output VOH VOL nQ output |