| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74LVC244ABZ bảng dữ liệu(PDF) 12 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC244ABZ bảng dữ liệu(HTML) 12 Page - Nexperia B.V. All rights reserved |
|
12 / 18 page ![]() Nexperia 74LVC244A; 74LVCH244A Octal buffer/line driver; 3-state UNIT A1 A2 A3 bp c D(1) E(1) e HE L Lp Q (1) Z y w v θ REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA mm 0.21 0.05 1.80 1.65 0.38 0.25 0.20 0.09 7.4 7.0 5.4 5.2 0.65 7.9 7.6 0.9 0.7 0.9 0.5 8 0 o o 0.13 1.25 0.2 0.1 DIMENSIONS (mm are the original dimensions) Note 1. Plastic or metal protrusions of 0.2 mm maximum per side are not included. 1.03 0.63 SOT339-1 MO-150 99-12-27 03-02-19 X w M θ A A1 A2 bp D HE Lp Q detail X E Z e c L v M A (A ) 3 A 1 10 20 11 y 0.25 pin 1 index 0 2.5 5 mm scale SSOP20: plastic shrink small outline package; 20 leads; body width 5.3 mm SOT339-1 A max. 2 Fig. 11. Package outline SOT339-1 (SSOP20) 74LVC_LVCH244A All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2021. All rights reserved Product data sheet Rev. 11 — 29 April 2021 12 / 18 |