công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC161PW bảng dữ liệu(PDF) 10 Page - Nexperia B.V. All rights reserved

tên linh kiện 74LVC161PW
Giải thích chi tiết về linh kiện  Presettable synchronous 4-bit binary counter; asynchronous reset
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC161PW bảng dữ liệu(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74LVC161PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
74LVC161
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 6 — 30 September 2013
10 of 22
NXP Semiconductors
74LVC161
Presettable synchronous 4-bit binary counter; asynchronous reset
tPHL
HIGH to LOW
propagation
delay
MR to Qn; see Figure 11
VCC = 1.2 V
-
17
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.5
6.2
12.7
1.5
14.6
ns
VCC = 2.3 V to 2.7 V
1.9
3.6
7.1
1.9
8.3
ns
VCC = 2.7 V
1.5
3.9
7.1
1.5
9.0
ns
VCC = 3.0 V to 3.6 V
1.5
3.2
6.4
1.5
8.0
ns
MR to TC; see Figure 11
VCC = 1.2 V
-
18
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.7
8.3
15.9
1.7
18.4
ns
VCC = 2.3 V to 2.7 V
2.7
4.8
8.9
2.7
10.3
ns
VCC = 2.7 V
1.5
4.9
8.6
1.5
11.0
ns
VCC = 3.0 V to 3.6 V
1.5
4.3
8.0
1.5
10.0
ns
tW
pulse width
clock HIGH or LOW; see Figure 9
VCC = 1.65 V to 1.95 V
6.0
-
-
6.0
-
ns
VCC = 2.3 V to 2.7 V
5.0
-
-
5.0
-
ns
VCC = 2.7 V
5.0
-
-
5.0
-
ns
VCC = 3.0 V to 3.6 V
4.0
1.2
-
4.0
-
ns
master reset LOW; see Figure 11
VCC = 1.65 V to 1.95 V
5.0
-
-
5.0
-
ns
VCC = 2.3 V to 2.7 V
4.0
-
-
4.0
-
ns
VCC = 2.7 V
4.0
-
-
4.0
-
ns
VCC = 3.0 V to 3.6 V
3.0
1.6
-
3.0
-
ns
trec
recovery time
MR to CP; see Figure 11
VCC = 1.65 V to 1.95 V
1.0
-
-
1.0
-
ns
VCC = 2.3 V to 2.7 V
1.0
-
-
1.0
-
ns
VCC = 2.7 V
0.0
-
-
0.0
-
ns
VCC = 3.0 V to 3.6 V
0.5
0.0
-
0.5
-
ns
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 14.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com