công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC14AD bảng dữ liệu(PDF) 18 Page - Nexperia B.V. All rights reserved

tên linh kiện 74LVC14AD
Giải thích chi tiết về linh kiện  Hex inverting Schmitt trigger with 5 V tolerant input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC14AD bảng dữ liệu(HTML) 18 Page - Nexperia B.V. All rights reserved

Back Button 74LVC14AD Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 18Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
NXP Semiconductors
74LVC14A
Hex inverting Schmitt trigger with 5 V tolerant input
© NXP Semiconductors N.V. 2016.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 10 June 2016
Document identifier: 74LVC14A
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
21. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features and benefits . . . . . . . . . . . . . . . . . . . . 1
3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
4
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
5
Functional diagram . . . . . . . . . . . . . . . . . . . . . . 2
6
Pinning information . . . . . . . . . . . . . . . . . . . . . . 3
6.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
6.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3
7
Functional description . . . . . . . . . . . . . . . . . . . 3
8
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4
9
Recommended operating conditions. . . . . . . . 4
10
Static characteristics . . . . . . . . . . . . . . . . . . . . . 5
11
Dynamic characteristics . . . . . . . . . . . . . . . . . . 5
12
Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
13
Transfer characteristics . . . . . . . . . . . . . . . . . . 8
14
Waveforms transfer characteristics. . . . . . . . . 9
15
Application information. . . . . . . . . . . . . . . . . . 10
16
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 11
17
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 15
18
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 15
19
Legal information. . . . . . . . . . . . . . . . . . . . . . . 16
19.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 16
19.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
19.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
19.4
Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 17
20
Contact information. . . . . . . . . . . . . . . . . . . . . 17
21
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com