| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74LVC14AD bảng dữ liệu(PDF) 10 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC14AD bảng dữ liệu(HTML) 10 Page - Nexperia B.V. All rights reserved |
|
10 / 17 page ![]() Nexperia 74LVC14A Hex inverting Schmitt trigger with 5 V tolerant input 14. Package outline UNIT A max. A1 A2 A3 bp c D(1) E(1) (1) e HE L Lp Q Z y w v θ REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 8.75 8.55 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 DIMENSIONS (inch dimensions are derived from the original mm dimensions) Note 1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 SOT108-1 X w M θ A A1 A2 bp D HE Lp Q detail X E Z e c L v M A (A ) 3 A 7 8 1 14 y 076E06 MS-012 pin 1 index 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.35 0.34 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.024 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 99-12-27 03-02-19 0 2.5 5 mm scale SO14: plastic small outline package; 14 leads; body width 3.9 mm SOT108-1 Fig. 13. Package outline SOT108-1 (SO14) 74LVC14A All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2021. All rights reserved Product data sheet Rev. 8 — 29 April 2021 10 / 17 |