| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB-RS422-PCBA bảng dữ liệu(PDF) 2 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
USB-RS422-PCBA bảng dữ liệu(HTML) 2 Page - Future Technology Devices International Ltd. |
|
2 / 16 page ![]() Copyright © 2009 Future Technology Devices International Limited 1 Document Reference No.: FT_000119 USB TO RS422 UART SERIAL CONVERTER PCB Datasheet Version 1.02 Clearance No.: FTDI#79 1 Description The USB-RS422-PCB is a USB to RS422 level serial UART converter PCB incorporating FTDI’s FT232RQ USB to Serial UART interface IC device which handles all the USB signalling and protocols. The PCB provides a fast, simple way to connect devices with a RS422 interface to USB. Each USB-RS422-PCB contains a small internal electronic circuit board, utilising the FT232R plus a USB type-A connector. The FT232R datasheet, DS_FT232R, is available at http://www.ftdichip.com. The integrated electronics also include an RS422 transceiver plus Tx and Rx LEDs which give a visual indication of UART traffic. The PCB is USB powered and USB 2.0 full speed compatible. Each PCB supports a data transfer rate up to 3 Mbaud and supports the FTDIChip-ID™, with a unique USB serial number programmed into the FT232R. This feature can be used to create a security or password protected file transfer access using the PCB. Further information and examples on this feature are available at http://www.ftdichip.com under FTDIChip-ID Projects. The USB-RS422-PCB requires USB drivers, available free from http://www.ftdichip.com, which are used to make the FT232R on the PCB appear as a virtual COM port (VCP). This then allows the user to communicate with the USB interface via a standard PC serial emulation port (for example TTY). Another FTDI USB driver, the D2XX driver, can also be used with application software to directly access the FT232R on the PCB though a DLL. This is illustrated in the Figure 1.1. Figure 1.1 Using the USB-RS422-PCB 1.1 Part Number The following Table 1.1 gives details of the available USB-RS422-PCB. Part Number Description USB-RS422-PCB USB to RS422 level UART PCB Table 1.1 USB-RS422-PCB Part Number |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |