| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
245-4354 bảng dữ liệu(PDF) 1 Page - Labfacility Ltd |
|
|
|||||||||||||||||||||||||||||
245-4354 bảng dữ liệu(HTML) 1 Page - Labfacility Ltd |
|
|
1 / 1 page ![]() ^ƉĞĐŝĮ ĐĂƟŽŶƐ Sensor type: Type ‘K’ with Nickel Chromium/Nickel Aluminium conductors ŽŶƐƚƌƵĐƟŽŶ͗ Flexible mineral insulated probe, Inconel® Alloy 600 sheath & ŵŝŶŝĂƚƵƌĞƉůƵŐƚĞƌŵŝŶĂƟŽŶ ^ŚĞĂƚŚĐŽŵƉŽƐŝƟŽŶ͗ Inconel® Alloy 600 sheath ůĞŵĞŶƚͬ ŚŽƚũƵŶĐƟŽŶ͗ ^ŝŶŐůĞĞůĞŵĞŶƚ͕ ũƵŶĐƟŽŶŝŶƐƵůĂƚĞĚĨƌŽŵƐŚĞĂƚŚŝŶŽƌĚĞƌƚŽ prevent electrical noise & interference dĞƌŵŝŶĂƟŽŶ͗ Miniature flat pin plug, colour coded ‘Green’ in accordance IEC Reference Tables/Tolerance: In accordance with IEC Probe temperature range: -40°C to +1100°C >1.0mm diameter -40°C to +750°C – 1.0mm diameter and below Mineral insulated Type ‘K’ Thermocouple Inconel® Alloy 600 sheath Highly flexible, sheath can be bent/formed to suit ŵĂŶLJĂƉƉůŝĐĂƟŽŶƐĂŶĚƉƌŽĐĞƐƐĞƐ diameters include 1.0, 1.5 & 2.0mm /ŶƐƵůĂƚĞĚŚŽƚũƵŶĐƟŽŶ D ŝŶŝĂƚƵƌĞƉůƵŐƚĞƌŵŝŶĂƟŽŶ;ϮϬϬΣͿ ŽŶĨŽƌŵƐƚŽ/ƐƉĞĐŝĮ ĐĂƟŽŶ IEC, Inconel Sheath, Mineral Insulated Thermocouple with Miniature Plug Formed in 1971, Labfacility specialize in the field of Temperature and Process Measurement. We are the largest UK manufacturer of both temperature sensors and thermocouple connectors Quality and Service are key ĞůĞŵĞŶƚƐŝŶƚŚĞĐŽŶƟŶƵĞĚŐƌŽǁ ƚŚ of Labfacility. Technical support is always freely available from our experienced technical sales teams and the company has ISO9001 ĂĐĐƌĞĚŝƚĂƟŽŶ͘ temperature and process technology Contact Details Email sales@labfacility.com Website www.labfacility.com 133/1014 IEC, Inconel Sheath, Mineral Insulated Thermocouple with Miniature Plug T/C Type Probe Probe Manufacturing Farnell Dia. (mm) Length (mm) Part No. code K 1.0 250 MB-ISK-I10-250-MP 245-4359 K 1.0 600 MB-ISK-I10-600-MP 245-4354 K 1.0 1000 MB-ISK-I10-1000-MP 245-4355 K 1.0 2000 MB-ISK-I10-2000-MP 245-4356 K 1.5 500 MB-ISK-I15-500-MP 245-4351 K 1.5 3000 MB-ISK-I15-3000-MP 245-4357 K 2.0 1000 MB-ISK-I20-1000-MP 245-4358 |
Số phần tương tự - 245-4354 |
|
Mô tả tương tự - 245-4354 |