công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

20030000 bảng dữ liệu(PDF) 1 Page - WERMA Signaltechnik GmbH + Co. KG

tên linh kiện 20030000
Giải thích chi tiết về linh kiện  Mini free-standing Beacons / Permanent Light 200
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WERMA [WERMA Signaltechnik GmbH + Co. KG]
Trang chủ  https://www.werma.com/
Logo WERMA - WERMA Signaltechnik GmbH + Co. KG

20030000 bảng dữ liệu(HTML) 1 Page - WERMA Signaltechnik GmbH + Co. KG

  20030000 Datasheet HTML 1Page - WERMA Signaltechnik GmbH + Co. KG 20030000 Datasheet HTML 2Page - WERMA Signaltechnik GmbH + Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Techn. datasheet
Mini free-standing Beacons / Permanent Light 200
Permanent Beacon BM 12-230VAC/DC YE
! For additional installation and mounting information, refer to the appropriate user guide at www.werma.com. This
printed copy is for information only and is subject to alteration.
WERMA Signaltechnik GmbH + Co. KG · Dürbheimer Straße 15 · D-78604 Rietheim-Weilheim
Tel +49(0) 74 24 95 57-0 · Fax +49(0) 74 24 95 57-44 · info@werma.com · www.werma.com
1/2
30.09.2022 / 200.300.00
Part No.: 200.300.00
MECHANICAL DATA
Height
66 mm
Diameter
57 mm
Materials
PA-GF
PC
Dome colour
Yellow
Housing colour
Black
Protection category
IP65
Connection
Spring-type terminal
cross-sectional area maximum
2,50mm² / 14AWG
Cable entry
Through hole
Cable entry maximum
d = 10 mm
Type of fixing
Base mounting
Working temperature minimum
-20°C
Working temperature maximum
+50°C
Weight with packaging
69 g
Product weight
47 g
ELECTRICAL DATA
Operating voltage
12-230V
Operating voltage type
AC/DC
Protection class
Protection class 2
Pollution degree
3
Overvoltage category
II
Isolation voltage
Ui = 250V; Uimp = 2.500V
OPTICAL DATA
Light colour
Yellow
Service life optical
depends on bulb
APPROVAL DATA
Conforms with CE
Yes
WEEE
Yes
Conforms with RED directive
No
Conforms with ATEX-directive
No
Conforms with CCC
Yes
Conforms with UL
cULus
UL Type Rating
Type 12
Conforms with FCC
No
Conforms with IC
No


Số phần tương tự - 20030000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
20030 ETC2-20030 Datasheet
129Kb / 1P
Wiha Quality Tools
logo
JOKARI GmbH & Co. KG
20030 JOKARI-20030 Datasheet
395Kb / 6P
PRODUCT SPECIFICATION
17/02/2009
20030 JOKARI-20030 Datasheet
728Kb / 14P
PRODUCT SPECIFICATION
16/05/2014
logo
Wiha Tools
20030 WIHA-20030 Datasheet
6Mb / 44P
Professional Insulated Tools
logo
Zibo Seno Electronic En...
20030BQ ZSELEC-20030BQ Datasheet
150Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Mô tả tương tự - 20030000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
0740760006 MOLEX8-0740760006 Datasheet
214Kb / 3P
VHDM-HSD??Free-Standing Guide Pin
0740760002 MOLEX8-0740760002 Datasheet
214Kb / 3P
VHDM-HSD??Free-Standing Guide Pin
0740760001 MOLEX8-0740760001 Datasheet
214Kb / 3P
VHDM-HSD??Free-Standing Guide Pin
logo
Nova Electric. All Righ...
NC11 NOVA-NC11 Datasheet
1Mb / 4P
FREE STANDING TRUE-ON-LINE UPS
logo
Pepperl+Fuchs Inc.
VAZ-LED-38MM-YE-RD-2M PF-VAZ-LED-38MM-YE-RD-2M Datasheet
368Kb / 2P
Stack light LED permanent light element
VAZ-LED-40MM-CLD-BU PF-VAZ-LED-40MM-CLD-BU Datasheet
532Kb / 2P
Stack light LED permanent light element
VAZ-LED-40MM-CLD-GN PF-VAZ-LED-40MM-CLD-GN Datasheet
532Kb / 2P
Stack light LED permanent light element
VAZ-LED-40MM-CLD-RD PF-VAZ-LED-40MM-CLD-RD Datasheet
532Kb / 2P
Stack light LED permanent light element
VAZ-LED-40MM-CLD-WH PF-VAZ-LED-40MM-CLD-WH Datasheet
533Kb / 2P
Stack light LED permanent light element
VAZ-LED-40MM-CLD-YE PF-VAZ-LED-40MM-CLD-YE Datasheet
532Kb / 2P
Stack light LED permanent light element
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com