công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H075X034H2T bảng dữ liệu(PDF) 26 Page - PANDUIT CORP.

tên linh kiện H075X034H2T
Giải thích chi tiết về linh kiện  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANDUIT [PANDUIT CORP.]
Trang chủ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

H075X034H2T bảng dữ liệu(HTML) 26 Page - PANDUIT CORP.

Back Button H075X034H2T Datasheet HTML 22Page - PANDUIT CORP. H075X034H2T Datasheet HTML 23Page - PANDUIT CORP. H075X034H2T Datasheet HTML 24Page - PANDUIT CORP. H075X034H2T Datasheet HTML 25Page - PANDUIT CORP. H075X034H2T Datasheet HTML 26Page - PANDUIT CORP. H075X034H2T Datasheet HTML 27Page - PANDUIT CORP. H075X034H2T Datasheet HTML 28Page - PANDUIT CORP. H075X034H2T Datasheet HTML 29Page - PANDUIT CORP. H075X034H2T Datasheet HTML 30Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Representative offering only, visit www.panduit.com/ID for complete listing of products.
26
Paper Component Labels
• General purpose material
• Use thermal transfer hybrid ribbon
• Temperature range: -65°F to 160°F (-54°C to 71°C)
• UL969 recognized, File # MH14576 and File # MH14979
Part Number
Color
Width
Height
Labels
Per
Row
Std.
Pkg.
Qty.
In.
mm
In.
mm
C075X025PBT
White
0.75
19.1
0.25
6.4
3
10000
C100X050PBT
1.00
25.4
0.50
12.7
C150X075PBT
1.50
38.1
0.75
19.1
1
5000
C200X100PBT
2.00
50.8
1.00
25.4
2500
C300X200PBT
3.00
76.2
2.00
50.8
1000
C400X100PBT
4.00
101.6
1.00
25.4
2500
C400X200PBT
2.00
50.8
1000
C400X300PBT
3.00
76.2
2500
C400X500PBT
5.00
127.0
1000
C400X600PBT
6.00
152.4
Order number of labels required in multiples of Standard Package Quantity.
Labels are roll mounted on 3.00" cores; when using the TDP43ME printer and 3.00" cores, the roll stand
(TDP43ME-RS) is required.
Reflective Continuous Tapes
• Used for illuminating or highlighting a range of objects
• Offer crisp, clear legends with superior legibility
• Conformable material for flat applications and safety and
facility identification
• Can be over-laminated to increase durability (see page 28)
• Use thermal transfer resin ribbon
• Temperature range: -40°F to 180°F (-40°C to 82°C)
• UL969 recognized, File # MH14979; cUL recognized, C22.2 No.
0.15.01, File # MH14979
Part Number
Color
Width
Length
Std.
Pkg.
Qty.
(Roll)
In.
mm
Ft.
m
T100X000RP1
White
1.00
25.4
50.0
15.2
1
T100X000RU1
Orange
T100X000RW1
Red
T100X000RX1
Yellow
T200X000RP1
White
2.00
50.8
T200X000RU1
Orange
T200X000RW1
Red
T200X000RX1
Yellow
T300X000RP1
White
3.00
76.2
T400X000RP1
4.00
101.6
T400X000RQ1
Blue
T400X000RU1
Orange
T400X000RW1
Red
T400X000RX1
Yellow
Order number of labels required in multiples of Standard Package Quantity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com