công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STP28XMIG bảng dữ liệu(PDF) 1 Page - PANDUIT CORP.

tên linh kiện STP28XMIG
Giải thích chi tiết về linh kiện  Category 6A Performance 28 AWG Shielded Patch Cords
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANDUIT [PANDUIT CORP.]
Trang chủ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

STP28XMIG bảng dữ liệu(HTML) 1 Page - PANDUIT CORP.

  STP28XMIG Datasheet HTML 1Page - PANDUIT CORP. STP28XMIG Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Category 6A/Class EA, F/UTP, small diameter patch cords are constructed
of 28 AWG, shielded, twisted pair, solid copper (dual-rated CM/LSZH) cable
with high performance RJ45 modular plugs. Patch cords are offered in
multiple lengths and colors for design flexibility.
TX6A-28™ Category 6A Performance
28 AWG Shielded Patch Cords
Category 6A 28 AWG Patch Cords
Meters:
STP28X*MIG^
0.2m:
STP28X0.2M^
*Meter lengths: 0.5 – 10 meters (every 0.5m)
11 – 20 meters (every 1m)
25 – 40 meters (every 5m)
^For standard cable colors other than Int'l Gray,
change IG suffix to: BL (Black), BU (Blue), RD
(Red), YL (Yellow), GR (Green), OR (Orange),
or VL (Violet).
For example, the part number for a 5 meter,
blue patch cord is STP28X5MBU.
SPECIFIC A TION SHEET
www.panduit.com
key features and benefits
Smaller diameter, flexible
cable design
Tight bend radius enables improved cable routing and management
in high density applications. Smaller cable diameter allows about 70%
more cords to be routed through cable managers and pathways
compared to traditional Category 6A shielded patch cords. Reduced
cable diameter facilitates improved air flow, cooling, resulting in lower
operating costs than traditional Category 6A shielded patch cords
Category 6A Performance
Meets all Category 6A requirements (including alien crosstalk), with a
cable diameter smaller than traditional Category 5e, 6 and 6A shielded
patch cords
100% performance tested for
wire map, NEXT and return
loss
Confidence that each patch cord delivers critical electrical component-
level performance
Centered de-embedded plug performs in center of ANSI/TIA-568-C.2
Category 6A component range, ensuring interoperability and optimum
performance
Integral pair manager
Optimizes performance and consistency by reducing untwist at plug
Patented tangle-free latch
Prevents snags and provides easy release, saving time on frequent
moves, adds, and changes
Identification label
Provides identification of performance level, length, and quality
control number for traceability
Robust construction
Plug contact plated with 50 microinches of gold and rated to 2500
mating cycles
Variety of cable colors and
lengths
Meets individual length and color-coding requirements for greater
system flexibility
Available plug lock-in
devices (optional)
Plug lock-in and latch guard devices to prevent unauthorized or
unintended removal of patch cords
technical information
Category 6A/
Class EA channel
and component
performance:
Exceeds all ANSI/TIA-568-C.2 Category 6A and ISO 11801 Class EA Edition 2.1
electrical performance requirements for all frequencies from 1 to 500 MHz
Note: These patch cords utilize 28 AWG conductors which do not meet the 22
to 26 AWG conductor size of patch cable referenced in ANSI/TIA-568-C.2,
resulting in an increased attenuation de-rating value of 1.9. Supports 96 meter
channels that include 90 meter permanent links. Supports 93 meter channels with
10 meters of patch cords included in the channel.
Cable diameter:
0.185 in. (4.7mm) nominal
FCC and
ANSI compliance:
Meets ANSI/TIA-1096-A (formerly FCC Part 68)
IEC compliance:
Meets IEC 60603-7
PoE compliance:
Supports IEEE 802.3af/802.3at (48 cables in a bundle) and proposed 802.3bt
type 3 and type 4 (24 cables in a bundle) PoE applications
Safety compliance:
cULus Listed; UL 1863 and CAN/CSA-C22.2 (UL File E129886)
RoHS compliance:
Compliant
Operating
temperature:
14°F to 167°F (-10°C to 75°C)
Storage temperature: -40°F to 158°F (-40°C to 70°C)
Plug housing:
UL94V-0 rated clear Polycarbonate
Contacts:
Gold plated phosphor bronze; contacts plated with 50 microinches of gold for
superior performance
Flammability rating:
CM / LSZH (IEC 60332-1, 60754-2, and 61034-2) dual-rated
specifications
applications
TX6A-28™ Category 6A Performance 28 AWG Shielded
Patch Cords support the following applications:
• 10GBASE-T Ethernet
• Data center I/O Consolidation
• Data center server virtualization
• Backbone aggregation
• Parallel processing and high speed computing


Số phần tương tự - STP28XMIG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PANDUIT CORP.
STP28X PANDUIT-STP28X Datasheet
2Mb / 2P
Keystone Shielded Solution – EMEA
1/2021
More results

Mô tả tương tự - STP28XMIG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
3M Electronics
VOL-6ASFL-L1 3M-VOL-6ASFL-L1 Datasheet
149Kb / 2P
Category 6A S/FTP RJ45 Patch Cables
25-Mar-2010
logo
List of Unclassifed Man...
NPC-1803 ETC2-NPC-1803 Datasheet
170Kb / 1P
Snagless cat5e patch cords
logo
PANDUIT CORP.
UTPCH3Y PANDUIT-UTPCH3Y Datasheet
206Kb / 1P
TX5e UTP Patch Cords
SPS6X88-C PANDUIT-SPS6X88-C Datasheet
120Kb / 2P
TX6A Category 6A Shielded Modular Plug
logo
Hubbell Incorporated.
HJS6AGY HUBBELL-HJS6AGY Datasheet
305Kb / 1P
Category 6A Shielded Jack with Cobra-Lock?
SJ6A HUBBELL-SJ6A Datasheet
304Kb / 1P
Ascent Category 6A Shielded Jack
SJ6A24 HUBBELL-SJ6A24 Datasheet
305Kb / 1P
Ascent Category 6A Shielded Jack
logo
Bel Fuse Inc.
CA81-020M-01 BEL-CA81-020M-01 Datasheet
506Kb / 1P
Category 8.1 Patch Cords
SS-77100-015 BEL-SS-77100-015 Datasheet
1Mb / 2P
Category 8.2 Series Cable Jacks and Patch Cords
logo
PANDUIT CORP.
UTP28CH25BL PANDUIT-UTP28CH25BL Datasheet
820Kb / 2P
Category 5e Performance SD UTP Patch Cords
4/2014
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com