công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDP43ME bảng dữ liệu(PDF) 2 Page - PANDUIT CORP.

tên linh kiện TDP43ME
Giải thích chi tiết về linh kiện  TDP43ME Thermal Transfer Desktop Printer and Accessories
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANDUIT [PANDUIT CORP.]
Trang chủ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

TDP43ME bảng dữ liệu(HTML) 2 Page - PANDUIT CORP.

  TDP43ME Datasheet HTML 1Page - PANDUIT CORP. TDP43ME Datasheet HTML 2Page - PANDUIT CORP. TDP43ME Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TDP43ME Thermal Transfer Desktop Printer and Accessories
T echnical/Performance Information
Print Method
300 dpi thermal transfer
Print Speed
2.00" to 4.00" (50.8mm to 101.6mm) per second
Media Width
4.25" (108.0mm)
Media Sensor
Adjustable, Gap and Black Mark sensing
Media Handling
Die cut labels, butt cut labels, continuous tapes
Media Feeding
Internal roll mount, rear feed with optional roll stand
Weight
6 Ibs. (2.72 kg)
Connectivity
USB, Parallel, Serial, Ethernet
Size (width x height x depth)
8.90" x 6.80" x 11.20" (228.0mm x 173.0mm x 284.0mm)
Regulatory Compliance
FCC, CE, CEC, CCC, CB, RoHS, cUL, WEEE
Power
Auto Switching 100/240VAC, 50/60 Hz
Operating System Compatibility
Windows 2000, Windows 7, XP, Vista
Windows 2000, Windows 7, XP, and Vista are registered trademarks of Microsoft Corporation in the United States and/or other countries.
TDP43ME Ordering Information
Part Number
Part Description
Std.
Pkg.
Qty
TDP43ME
300 dpi printer; includes printer, Panduit ® Easy-Mark™ Labeling Software,
RMEH4BL black hybrid ribbon, user manual, quick start card, driver disk,
USB cable, AC power adapter with U.S. power cord; for use in North America.
1
TDP43ME/E
300 dpi printer; includes printer, Panduit ® Easy-Mark™ Labeling Software,
RMEH4BL black hybrid ribbon, user manual, quick start card, driver disk,
USB cable, AC power adapter with the following power cords: EuroPlug,
Swiss, UK, and Japan JIS 8303 3-pin; for use outside North America.
1
TDP43ME-KIT
TDP43ME printer kit. Includes: printer, Panduit® Easy-Mark™ Labeling Software,
RMEH4BL black hybrid ribbon, user manual, quick start card, TDP43ME-CASE
carrying case, one roll S100X150VATY labels, roll stand, driver disk, USB cable, AC
power adapter with U.S. power cord; for use in North America.
1
TDP43ME/E-KIT
TDP43ME/E printer kit. Includes: printer, Panduit ® Easy-Mark™ Labeling Software,
RMEH4BL black hybrid ribbon, user manual, quick start card, TDP43ME-CASE
carrying case, one roll S100X150VATY labels, roll stand, driver disk, USB cable, AC
power adapter with the following power cords: EuroPlug, Swiss, UK, and Japan JIS
8303 3-pin; for use outside North America.
1
TDP43ME-RS
External label roll stand for TDP43ME printer; used to rear feed labels that are
supplied on 3" cores.
1
TDP43ME-CASE
Hardside carrying case accommodates printer, AC power adapter, ribbons, printer
cable, external roll stand, labels, and tools.
1
TDP43ME-AC
Replacement AC power adapter with power cord (U.S. cord only).
1
TDP43ME-CUTTER
Optional power/automatic cutter for TDP43ME thermal transfer desktop printer; easy
to install for automatic cutting of labels.
1
PTR-CLN
Printer cleaning kit – contains cleaning solution-soaked wipes, foam swabs, material
safety data sheet, cleaning instructions, cleaning pen.
1
TDP43ME



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com