| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
B72214P2 bảng dữ liệu(PDF) 21 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B72214P2 bảng dữ liệu(HTML) 21 Page - EPCOS |
|
21 / 23 page ![]() Symbols and terms Symbol Term C Capacitance Ctyp Typical capacitance i Current ic Current at which Vc, max is measured Ileak Leakage current imax Maximum surge current (also termed peak current) Imax Maximum discharge current In Nominal discharge current to UL 1449 LCT Lower category temperature Ltyp Typical inductance Pmax Maximum average power dissipation Rins Insulation resistance Rmin Minimum resistance TA Ambient temperature tr Duration of equivalent rectangular wave UCT Upper category temperature v Voltage Vclamp Clamping voltage vc, max Maximum clamping voltage at specified current ic VDC DC operating voltage Vjump Maximum jump start voltage vmax Maximum voltage Vop Operating voltage VRMS AC operating voltage, root-mean-square value VRMS, op, max Root-mean-square value of max. DC operating voltage incl. ripple current Vsurge Super imposed surge voltage VV Varistor voltage ∆V V Tolerance of varistor voltage WLD Maximum load dump Wmax Maximum energy absorption Lead spacing All dimensions are given in mm. The commas used in numerical values denote decimal points. Leaded varistors B72214P2*** AdvanceD-MP, S14 compact series Page 21 of 23 Please read Cautions and warnings and Important notes at the end of this document. |