| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74LVC2G66DP bảng dữ liệu(PDF) 19 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC2G66DP bảng dữ liệu(HTML) 19 Page - Nexperia B.V. All rights reserved |
|
19 / 26 page ![]() 74LVC2G66 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 8 — 2 April 2013 19 of 26 NXP Semiconductors 74LVC2G66 Bilateral switch Fig 27. Package outline SOT765-1 (VSSOP8) UNIT A1 A max. A2 A3 bp L HE Lp wy v ce D(1) E(2) Z(1) θ REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA mm 0.15 0.00 0.85 0.60 0.27 0.17 0.23 0.08 2.1 1.9 2.4 2.2 0.5 3.2 3.0 0.4 0.1 8 ° 0 ° 0.13 0.1 0.2 0.4 DIMENSIONS (mm are the original dimensions) Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic or metal protrusions of 0.25 mm maximum per side are not included. 0.40 0.15 Q 0.21 0.19 SOT765-1 MO-187 02-06-07 w M bp D Z e 0.12 14 8 5 θ A2 A1 Q Lp (A3) detail X A L HE E c v M A X A y 2.5 5 mm 0 scale VSSOP8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm SOT765-1 1 pin 1 index |