công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC1G74DP bảng dữ liệu(PDF) 6 Page - Nexperia B.V. All rights reserved

tên linh kiện 74LVC1G74DP
Giải thích chi tiết về linh kiện  Single D-type flip-flop with set and reset; positive edge trigger
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G74DP bảng dữ liệu(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G74DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G74DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G74DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G74DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G74DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G74DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G74DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G74DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G74DP Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
74LVC1G74
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 13 — 5 December 2016
6 of 25
NXP Semiconductors
74LVC1G74
Single D-type flip-flop with set and reset; positive edge trigger
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
When VCC = 0 V (Power-down mode), the output voltage can be 5.5 V in normal operation.
[3]
For TSSOP8 packages: above 55
C the value of P
tot derates linearly with 2.5 mW/K.
For VSSOP8 packages: above 110
C the value of P
tot derates linearly with 8.0 mW/K.
For XSON8 and XQFN8 packages: above 118
C the value of P
tot derates linearly with 7.8 mW/K.
9.
Recommended operating conditions
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+6.5
V
IIK
input clamping current
VI <0V
50
-
mA
VI
input voltage
[1]
0.5
+6.5
V
IOK
output clamping current
VO >VCC or VO <0V
-
50
mA
VO
output voltage
Active mode
[1]
0.5
VCC +0.5
V
Power-down mode
[1][2]
0.5
+6.5
V
IO
output current
VO =0 VtoVCC
-
50
mA
ICC
supply current
-
100
mA
IGND
ground current
100
-
mA
Ptot
total power dissipation
Tamb = 40 C to +125 C
[3]
-
300
mW
Tstg
storage temperature
65
+150
C
Table 7.
Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
1.65
5.5
V
VI
input voltage
0
5.5
V
VO
output voltage
Active mode
0
VCC
V
Power-down mode; VCC =0V
0
5.5
V
Tamb
ambient temperature
40
+125
C
t/V
input transition rise and fall rate
VCC = 1.65 V to 2.7 V
-
20
ns/V
VCC = 2.7 V to 5.5 V
-
10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com