công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7699 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện AD7699
Giải thích chi tiết về linh kiện  16-Bit, 8-Channel, 500 kSPS PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7699 bảng dữ liệu(HTML) 3 Page - Analog Devices

  AD7699 Datasheet HTML 1Page - Analog Devices AD7699 Datasheet HTML 2Page - Analog Devices AD7699 Datasheet HTML 3Page - Analog Devices AD7699 Datasheet HTML 4Page - Analog Devices AD7699 Datasheet HTML 5Page - Analog Devices AD7699 Datasheet HTML 6Page - Analog Devices AD7699 Datasheet HTML 7Page - Analog Devices AD7699 Datasheet HTML 8Page - Analog Devices AD7699 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
AD7699
Rev. F | Page 3 of 32
REVISION HISTORY
3/2017—Rev. E to Rev. F
Added CB-20-12 Package..................................................Universal
Changes to Features Section and General Description Section.....1
Changes to Table 2 ............................................................................4
Changes to Table 3 ............................................................................6
Changes to Table 4 and Table 5 .......................................................7
Added Figure 5 and Table 7; Renumbered Sequentially..............9
Added Figure 26 ..............................................................................13
Changes to Table 9 and Internal Reference/Temperature
Sensor Section..................................................................................20
Changes to Digital Interface Section ............................................23
Changes to Figure 39 and 40..........................................................27
Changes to Figure 41 and 42..........................................................28
Added Figure 44 ..............................................................................31
Updated Outline Dimensions........................................................31
Changes to Ordering Guide...........................................................31
9/2015—Rev. D to Rev. E
Changed ADSP-BF53x to ADSP-BF531/ADSP-BF532/
ADSP-BF533/ADSP-BF535/ADSP-BF536/ADSP-BF537/
ADSP-BF538/ADSP-BF539; Changed ADSP-219x to
ADSP-2191M/ ADSP-2196M, and Changed ADSP-218x to
ADSP-2181/ADSP-2183/ADSP-2185/ADSP-2186/
ADSP-2189N.................................................................. Throughout
Moved General Timing with a Busy Indicator Section and
Figure 36...........................................................................................24
Added Channel Sequencer Section, Examples Section, and
Figure 41; Renumbered Sequentially............................................27
5/2015—Rev. C to Rev. D
Changed ADA4841-x to ADA4841-1, ADR43x to ADR430/
ADR431/ADR433/ADR434/ADR435, and AD44x to ADR440/
ADR441/ADR443/ADR444/ADR445.........................Throughout
Updated Outline Dimensions........................................................27
Changes to Ordering Guide...........................................................27
5/2014—Rev. B to Rev. C
Changes to Table 3 ............................................................................5
Changes to Ordering Guide...........................................................27
3/2012—Rev. A to Rev. B
Changes to Figure 28 ......................................................................15
Changes to Internal Reference/Temperature Sensor and
External Reference and Internal Buffer Sections........................18
Changes to Bits[5:3] Function, Table 8 ........................................21
Updated Outline Dimensions........................................................27
9/2011—Rev. 0 to Rev. A
Changed Internal Reference/Temperature Sensor Section to
Internal Reference Section.............................................................18
Changes to Internal Reference Section, External Reference Section
and Internal Buffer Section, and External Reference Section ..... 18
Changes to Table 8 ..........................................................................21
10/2008—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32