| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
653 bảng dữ liệu(PDF) 13 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
653 bảng dữ liệu(HTML) 13 Page - Nexperia B.V. All rights reserved |
|
13 / 25 page ![]() 74HC_HCT4060 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet Rev. 4 — 10 February 2016 13 of 25 NXP Semiconductors 74HC4060; 74HCT4060 14-stage binary ripple counter with oscillator Measurement points are given in Table 7. VOL and VOH are typical voltage output levels that occur with the output load. Fig 9. Waveforms showing the output Qn to output Qn+1 propagation delays Measurement points are given in Table 7. VOL and VOH are typical voltage output levels that occur with the output load. Fig 10. Waveforms showing the master reset (MR) pulse width, the master reset to output (Qn) propagation delays and the master reset to clock (RS) recovery time Table 7. Measurement points Type Input Output VM VM 74HC4060 0.5 V CC 0.5 V CC 74HCT4060 1.3 V 1.3 V |