công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74HC4060DB bảng dữ liệu(PDF) 4 Page - Nexperia B.V. All rights reserved

tên linh kiện 74HC4060DB
Giải thích chi tiết về linh kiện  14-stage binary ripple counter with oscillator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4060DB bảng dữ liệu(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HC4060DB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC4060DB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC4060DB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC4060DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4060DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4060DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4060DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4060DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4060DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
74HC_HCT4060
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 10 February 2016
4 of 25
NXP Semiconductors
74HC4060; 74HCT4060
14-stage binary ripple counter with oscillator
6.
Pinning information
6.1 Pinning
6.2 Pin description
(1) This is not a supply pin. The substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to VCC.
Fig 5.
Pin configuration SO16 and (T)SSOP16
Fig 6.
Pin configuration DHVQFN16
Table 2.
Pin description
Symbol
Pin
Description
Q11 to Q13
1, 2, 3
counter output
Q3 to Q9
7, 5, 4, 6, 14, 13, 15
counter output
GND
8
ground (0 V)
CTC
9
external capacitor connection
RTC
10
external resistor connection
RS
11
clock input /oscillator pin
MR
12
master reset input (active HIGH)
VCC
16
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com