công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NKFSTMPC5BL bảng dữ liệu(PDF) 15 Page - PANDUIT CORP.

tên linh kiện NKFSTMPC5BL
Giải thích chi tiết về linh kiện  NetKey Cabling System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANDUIT [PANDUIT CORP.]
Trang chủ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

NKFSTMPC5BL bảng dữ liệu(HTML) 15 Page - PANDUIT CORP.

Back Button NKFSTMPC5BL Datasheet HTML 11Page - PANDUIT CORP. NKFSTMPC5BL Datasheet HTML 12Page - PANDUIT CORP. NKFSTMPC5BL Datasheet HTML 13Page - PANDUIT CORP. NKFSTMPC5BL Datasheet HTML 14Page - PANDUIT CORP. NKFSTMPC5BL Datasheet HTML 15Page - PANDUIT CORP. NKFSTMPC5BL Datasheet HTML 16Page - PANDUIT CORP. NKFSTMPC5BL Datasheet HTML 17Page - PANDUIT CORP. NKFSTMPC5BL Datasheet HTML 18Page - PANDUIT CORP. NKFSTMPC5BL Datasheet HTML 19Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
visit www.panduit.com/NetKey
Stackability
Stackable hubs mount on top of one
another to maximize use of enclosure
space and offer easy expansion for
additional drops.
Phone Hub Test Ports/
Security Interface
Enables testing of the incoming phone
lines from the building demarcation point
and connections from the enclosure to
the residence to ensure performance.
Security interface includes a built-in
switch that overrides the phone service
for emergency notifications, ensuring
safety and security of unit or residence
when needed.
Grounding and Bonding
Integrated grounding stud, along with
optional grounding kit, provides means
to properly ground the enclosure to the
surrounding structure, protecting network
equipment and maximizing uptime.
Shear forms built-in to the enclosure
work with the cable management kit
for appropriate cable management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20