công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-16LFCSPEBZ bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện EVAL-16LFCSPEBZ
Giải thích chi tiết về linh kiện  Evaluation Board for the 16-Lead LFCSP Devices in the Switches and Multiplexers Portfolio
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-16LFCSPEBZ bảng dữ liệu(HTML) 3 Page - Analog Devices

  EVAL-16LFCSPEBZ Datasheet HTML 1Page - Analog Devices EVAL-16LFCSPEBZ Datasheet HTML 2Page - Analog Devices EVAL-16LFCSPEBZ Datasheet HTML 3Page - Analog Devices EVAL-16LFCSPEBZ Datasheet HTML 4Page - Analog Devices EVAL-16LFCSPEBZ Datasheet HTML 5Page - Analog Devices EVAL-16LFCSPEBZ Datasheet HTML 6Page - Analog Devices EVAL-16LFCSPEBZ Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
User Guide
EVAL-16LFCSP
EVALUATION BOARD HARDWARE
analog.com
Rev. 0 | 3 of 7
POWER SUPPLY
The J5, a wire screw terminal, provides the VDD and GND supplies
to the board. The VDD and GND supplies can be selected for each
device pin by setting the link headers to either VDD or GND. When a
VSS supply is needed, apply the voltage directly to the VSS or GND
pin of the device by removing the corresponding link.
LINK HEADERS
The link headers supply the DUT with either VDD or GND. The
headers are designated K1 to K16 with the number corresponding
to the pin number of the device. Table 1 summarizes the link
headers and how they function on the EVAL-16LFCSPEBZ.
Table 1. Link Header Descriptions
Label
Position
Description
K1 to K16
H (high)
VDD
L (low)
GND
SMB CONNECTORS
There are four SMB connectors on the EVAL-16LFCSPEBZ, J1
to J4, with each having an adjacent gold pin connector. When
an SMB cable is connected to one of these SMB connectors,
the input signal becomes available on the corresponding gold pin
connector. Apply this input signal to the relevant device pin by
forming a connection from the SMB gold pin connector to a gold pin
connector found on the relevant trace.
INPUT SIGNAL TRACES
Each trace includes three sets of gold pin connectors with 0805-
and 0603-compatible pads (two sets that can place a load on the
signal path to ground, and another set that is in series with the
signal path). The three sets of gold pin connectors can create a
simple RC filter.



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com