công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B32656S7684411 bảng dữ liệu(PDF) 60 Page - EPCOS

tên linh kiện B32656S7684411
Giải thích chi tiết về linh kiện  Film capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EPCOS [EPCOS]
Trang chủ  http://www.epcos.com
Logo EPCOS - EPCOS

B32656S7684411 bảng dữ liệu(HTML) 60 Page - EPCOS

Back Button B32656S7684411 Datasheet HTML 56Page - EPCOS B32656S7684411 Datasheet HTML 57Page - EPCOS B32656S7684411 Datasheet HTML 58Page - EPCOS B32656S7684411 Datasheet HTML 59Page - EPCOS B32656S7684411 Datasheet HTML 60Page - EPCOS B32656S7684411 Datasheet HTML 61Page - EPCOS B32656S7684411 Datasheet HTML 62Page - EPCOS B32656S7684411 Datasheet HTML 63Page - EPCOS B32656S7684411 Datasheet HTML 64Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
60 12/21
Please read Cautions and warnings and
Important notes at the end of this document.
Metallized polypropylene film capacitors (MKP)
B32656S, B32658S
Snubber (wound)
Cautions and warnings
The table below summarizes the safety instructions that must always be observed. A detailed de-
scription can be found in the relevant sections of the chapters "General technical information" and
"Mounting guidelines".
n
Do not exceed the upper category temperature (UCT).
n
Do not apply any mechanical stress to the capacitor terminals.
n
Avoid any compressive, tensile or flexural stress.
n
Do not move the capacitor after it has been soldered to the PC board.
n
Do not pick up the PC board by the soldered capacitor.
n
Do not place the capacitor on a PC board whose PTH hole spacing differs from the specified
lead spacing.
n
Do not exceed the specified time or temperature limits during soldering.
n
Avoid external energy inputs, such as fire or electricity.
n
Avoid overload of the capacitors.
n
Consult us if application is with severe temperature and humidity condition.
n
There are no serviceable or repairable parts inside the capacitor. Opening the capacitor or any
attempts to open or repair the capacitor will void the warranty and liability of TDK Electronics.
n
Please note that the standards referred to in this publication may have been revised in the
meantime.
Topic
Safety information
Reference chapter
"General technical
information"
Storage
conditions
Make sure that capacitors are stored within the specified
range of time, temperature and humidity conditions.
4.5
"Storage conditions"
Flammability
Avoid external energy, such as fire or electricity (passive
flammability), avoid overload of the capacitors (active
flammability) and consider the flammability of materials.
5.3
"Flammability"
Resistance to
vibration
Do not exceed the tested ability to withstand vibration.
The capacitors are tested to IEC 60068-2-6:2007. TDK
Electronics offers film capacitors specially designed for
operation under more severe vibration regimes such as
those found in automotive applications. Consult our
catalog "Film Capacitors for Automotive Electronics".
5.2
"Resistance to
vibration"
Soldering
Do not exceed the specified time or temperature limits
during soldering.
1 "Soldering"
Cleaning
Use only suitable solvents for cleaning capacitors.
2 "Cleaning"
Embedding of
capacitors in
finished
assemblies
When embedding finished circuit assemblies in plastic
resins, chemical and thermal influences must be taken
into account.
Caution: Consult us first, if you also wish to embed other
uncoated component types!
3 "Embedding of
capacitors in finished
assemblies"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66