| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDP43ME bảng dữ liệu(PDF) 4 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
TDP43ME bảng dữ liệu(HTML) 4 Page - PANDUIT CORP. |
|
4 / 17 page ![]() 4 www.panduit.com Rail Car Undercarriage, Industrial Selection Criteria: Resistance to extreme solvents, oils, and chemicals Product Recommendations: • Stainless Steel Marker Plates (embossed) Shipbuilding, Rail Car Controls Selection Criteria: Excellent fire safety properties, minimal smoke emissions Product Recommendations: • Halogen-Free Heat Shrink Labels • Halogen-Free Marker Plates • 316 Stainless Steel Marker Plates (embossed) Applications Panduit offers a wide variety of identification systems to meet your specific application requirements. Common applications include: Harsh Environments Selection Criteria: Flame retardant, extreme temperatures; rated for harsh environments Product Recommendations: • Heat Shrink Labels • High-Temperature, Flame-Retardant Marker Plates Wire and Cable Labeling Description: Products encounter some of the harshest environments such as high temperature, frigid cold, salt water, sand, radiation, and chemical corrosion. Selection of the right material of construction is a key design criterion. Oil & Gas, Power Generation, Industrial Selection Criteria: Low-smoke emissions; resistance to chemical corrosion, high temperatures, ultra-violet light, flame, and high radiation Product Recommendations: • Marker Plates • Tedlar Self-Laminating Labels • Heat Shrink Labels • Marker Plates |