| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MP200 bảng dữ liệu(PDF) 12 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
MP200 bảng dữ liệu(HTML) 12 Page - PANDUIT CORP. |
|
12 / 17 page ![]() 12 www.panduit.com Halogen-Free Marker Plates Part Number Width Height Print-On Area Std. Pkg. Qty. (Roll) Width Height In. mm In. mm In. mm In. mm M200X042UPT 2.00 50.8 0.42 10.7 0.42 10.7 1.30 33.0 1 M200X042UPT-B M200X080UPT 0.80 20.3 0.80 20.3 M200X080UPT-B High-Temp Marker Plates Part Number Width Height Print-On Area Std. Pkg. Qty. (Roll) Width Height In. mm In. mm In. mm In. mm M200X042FQT 2.00 50.8 0.42 10.7 0.42 10.7 1.22 31.0 1 M200X042FQT-B M200X080FQT 0.80 20.3 0.80 20.3 M200X080FQT-B Part Number Width Height Print-On Area Height Std. Pkg. Qty. In. mm In. mm In. mm Raised Panel Push Button Labels C120X150APT-22 1.20 30.5 1.50 38.1 0.45 11.4 500 C120X190APT-22 1.90 48.3 0.85 21.6 C180X180APT-30 1.80 45.7 1.80 45.7 0.36 9.1 C240X240APT-30 2.40 60.9 2.40 60.9 0.90 22.9 Raised Panel Component Labels C100X050APT 1.00 25.4 0.50 12.7 0.50 12.7 500 C125X030APT 1.25 31.8 0.30 7.6 0.30 7.6 C200X100APT 2.00 50.8 1.00 25.4 1.00 25.4 C252X030APT 2.52 64.0 0.30 7.6 0.30 7.6 C300X100APT 3.00 76.2 1.00 25.4 1.00 25.4 C300X250APT 76.2 2.50 63.5 2.50 63.5 C350X300APT 3.50 88.9 3.00 76.2 3.00 76.2 C379X030APT 3.79 96.3 0.30 7.6 0.30 7.6 C400X100APT 4.00 101.6 1.00 25.4 1.00 25.4 Raised Panel Labels Panduit raised panel labels, which are designed for 20 years of outdoor exposure, tested for use in solar applications, and compliant with print-per- formance requirements of UL969 and MIL-STD-202G, provide a rugged and professional appearance similar to engraved plates, but without the lengthy lead times or expensive engraving equipment. Additional sizes and colors available on www.panduit.com |