| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H100X034HT bảng dữ liệu(PDF) 1 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
H100X034HT bảng dữ liệu(HTML) 1 Page - PANDUIT CORP. |
|
1 / 2 page ![]() www.panduit.com Material: Pre-cut, heat-shrinkable flattened polyolefin meets the material requirements and physical properties of AMS-DTL-23053/5C (Class 1 and Class 3) Print method: Thermal transfer or dot-matrix Service temperature – 67°F to 275°F (– 67°C to 135°C) range: Shrink temperature: 194°F to 248°F (90°C to 120°C) Printability: Product meets print performance of MIL-M-81531 and MIL-STD-883E, Notice 4, Method 2015.13 when printed with RMH4BL or RMR4BL series thermal transfer ribbons Tested for nuclear Printed markers meet requirements for radiation exposure, thermal aging, plant (class 1E) and LOCA/MSLB environmental testing; test margins related to harsh environments: IEEE 323-2003 were used (white and yellow only) Recommended ribbon: Normal use: Hybrid – RMH4BL for TDP43MY series printer or RHH4BL-S for TDP42HY series printer Most durable use: Resin – RMR4BL for TDP43MY series printer or RHR4BL-S for TDP42HY series printers For use with black color heat shrink - White ribbon RMR4WH should be used RoHS compliance: Material is RoHS compliant per European Directive 2002/95/EC on the Restriction of Hazardous Substances (RoHS) Flammability: Product passes UL 224 Standard, VW-1 for flammability key features and benefits applications technical information specifications Military grade heat shrink labels shall be pre-cut, heat-shrinkable flattened polyolefin and shall readily accept thermal transfer print. The product shall meet the material requirements and physical properties of AMS-DTL-23053/5C (Class 1 and Class 3). Product shall meet print performance of MIL-M-81531 and MIL-STD-883E, Notice 4, Method 2015.13 when printed with RMH4BL or RMR4BL series thermal transfer ribbons. Product shall pass UL 224 standard with a VW-1 for flammability. Durable material Enables use in harsh environments, meeting material requirements and physical properties of AMS-DTL-23053/5C (Class 1 and Class 3), passing UL 224, meeting print performance requirements of MIL-M-81531 and MIL-STD-883E, Notice 4, Method 2015.13 and meeting testing requirements for nuclear plant (Class 1E) harsh environments (white and yellow only) Liner perforation Allows heat shrink labels to be printed and removed one at a time with ease Open end design Wire/cable can be inserted directly into the label sleeve to reduce installation and assembly time Variety of colors Available in white, yellow, black and red 3 to 1 shrink ratio Provides fast shrinking and covers a wide range of wire diameters, simplifying inventory Labeling software Generate labels quickly and easily with PANDUIT ®EASY-MARK ™Labeling capabilities Software; labeling application tools assist in the creation of optimum identifiers and labels for common applications, advanced importing and bar-coding capabilities reduce errors and save time PANDUIT military grade heat shrink labels are designed to meet the wire and cable labeling needs of organizations with high performance requirements. The labels are pre-cut, heat-shrinkable flattened polyolefin that readily accept thermal transfer print. This solution provides a lower operating temperature, more durable label and printed legends that meet stringent military standards and tests. The product meets the material requirements and physical properties of AMS-DTL-23053/5C (Class 1 and Class 3), print performance of MIL-M-81531 and MIL-STD-883E, Notice 4, Method 2015.13 when printed with RMH4BL and RMR4BL-S thermal transfer ribbons, passes UL 224 standard with a VW-1 for flammability and meets testing requirements for nuclear plant (Class 1E) harsh environments (white and yellow only). When used in conjunction with PANDUIT ® EASY-MARK ™ Labeling Software, time-savings and reduced errors can be realized when creating legends and text. Military Grade Heat Shrink Labels ® SPECIFICATION SHEET Military Grade Heat Shrink Labels Nominal Size Part Number 1/8" (3.1mm) diameter: H050X025H*T H075X025H*T H100X025H*T H150X025H*T H200X025H*T 3/16" (4.7mm) diameter: H050X034H*T H075X034H*T H100X034H*T H150X034H*T H200X034H*T 1/4" (6.3mm) diameter: H050X044H*T H075X044H*T H100X044H*T H150X044H*T H200X044H*T 3/8" (9.5mm) diameter: H050X064H*T H100X064H*T H200X064H*T 1/2" (12.7mm) diameter: H100X084H*T H200X084H*T 1" (25.4mm) diameter: H100X165H*T H200X165H*T *Colors available, replace * with 1 (White), 2 (Yellow), 3 (Black), and 4 (Red). Labeling Software EASY-MARK™ Labeling Software: PROG-EMCD3 CAD-CONNECT ™ Labeling Software: PROG-CCCD Thermal Transfer Desktop Printers Medium volume 300 dpi: TDP43MY High volume 200 dpi: TDP42HY 300 dpi: TDP43HY 600 dpi: TDP46HY |
Số phần tương tự - H100X034HT |
|
Mô tả tương tự - H100X034HT |