công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP21568WCBCZ10RL bảng dữ liệu(PDF) 21 Page - Analog Devices

tên linh kiện ADSP21568WCBCZ10RL
Giải thích chi tiết về linh kiện  SHARC Single Core High Performance DSP (Up to 1 GHz)
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP21568WCBCZ10RL bảng dữ liệu(HTML) 21 Page - Analog Devices

Back Button ADSP21568WCBCZ10RL Datasheet HTML 17Page - Analog Devices ADSP21568WCBCZ10RL Datasheet HTML 18Page - Analog Devices ADSP21568WCBCZ10RL Datasheet HTML 19Page - Analog Devices ADSP21568WCBCZ10RL Datasheet HTML 20Page - Analog Devices ADSP21568WCBCZ10RL Datasheet HTML 21Page - Analog Devices ADSP21568WCBCZ10RL Datasheet HTML 22Page - Analog Devices ADSP21568WCBCZ10RL Datasheet HTML 23Page - Analog Devices ADSP21568WCBCZ10RL Datasheet HTML 24Page - Analog Devices ADSP21568WCBCZ10RL Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
Rev. 0
|
Page 21 of 81
|
August 2025
ADSP-21560/21561/21564/21568
SPT_ATDV
Output
Channel A Transmit Data Valid. This signal is optional and only active when SPORT is configured in
multichannel transmit mode. It is asserted during enabled slots.
SPT_BCLK
InOut
Channel B Clock. Data and frame sync are driven or sampled with respect to this clock. This signal
can be either internally or externally generated.
SPT_BD0
InOut
Channel B Data 0. Primary bidirectional data I/O. This signal can be configured as an output to
transmit serial data or as an input to receive serial data.
SPT_BD1
InOut
Channel B Data 1. Secondary bidirectional data I/O. This signal can be configured as an output to
transmit serial data or as an input to receive serial data.
SPT_BFS
InOut
Channel B Frame Sync. The frame sync pulse initiates shifting of serial data. This signal is either
generated internally or externally.
SPT_BTDV
Output
Channel B Transmit Data Valid. This signal is optional and only active when SPORT is configured in
multichannel transmit mode. It is asserted during enabled slots.
SYS_BMODE[n]
Input
Boot Mode Control n. Selects the boot mode of the processor.
SYS_CLKIN0
Input
Clock/Crystal Input.
SYS_CLKOUT
Output
Processor Clock Output. Outputs internal clocks. Clocks may be divided down. See the ADSP-
21560/21561/21564/21568 SHARC+ Processor Hardware Reference manual for more details.
SYS_FAULT
InOut
Active, High, Fault Output. Indicates internal faults or senses external faults depending on the
operating mode.
SYS_FAULT
InOut
Active, Low, Fault Output. Indicates internal faults or senses external faults depending on the
operating mode.
SYS_HWRST
Input
Processor Hardware Reset Control. Resets the device when asserted.
SYS_RESOUT
Output
Reset Output. Indicates the device is in the reset state.
SYS_XTAL0
Output
Crystal Output.
TM_ACI[n]
Input
Alternate Capture Input n. Provides an additional input for WIDCAP, WATCHDOG, and PININT modes.
TM_ACLK[n]
Input
Alternate Clock n. Provides an additional time base for an individual timer.
TM_CLK
Input
Clock. Provides an additional global time base for all GP timers.
TM_TMR[n]
InOut
Timer n. The main input/output signal for each timer.
TWI_SCL
InOut
Serial Clock. Clock output when master, clock input when slave.
TWI_SDA
InOut
Serial Data. Receives or transmits data.
UART_CTS
Input
Clear to Send. Flow control signal.
UART_RTS
Output
Request to Send. Flow control signal.
UART_RX
Input
Receive. Receives input. Typically connects to a transceiver that meets the electrical requirements of
the device with which it is communicating.
UART_TX
Output
Transmit. Transmits output. Typically connects to a transceiver that meets the electrical requirements
of the device with which it is communicating.
xSPI_CLK
Output
SPI Master Clock Output. SPI master clock output.
xSPI_D2
InOut
Data 2. Transfers serial data in quad and octal modes.
xSPI_D3
InOut
Data 3. Transfers serial data in quad and octal modes.
xSPI_D4
InOut
Data 4. Transfers serial data in octal mode.
xSPI_D5
InOut
Data 5. Transfers serial data in octal mode.
xSPI_D6
InOut
Data 6. Transfers serial data in octal mode.
xSPI_D7
InOut
Data 7. Transfers serial data in octal mode.
xSPI_MISO
InOut
Master In, Slave Out. Transfers serial data. Operates in the same direction as SPI_MOSI in dual and
quad modes.
xSPI_MOSI
InOut
Master Out, Slave In. Transfers serial data. Operates in the same direction as SPI_MISO in dual and
quad modes.
xSPI_RWDS
InOut
Read/Write Data Strobe. Strobe input for data read from external device and output mask signal for
RAM write operations. This pin is three-stated by default.
xSPI_SEL[n]
Output
Slave Select Output n. Used in master mode to enable the desired slave. This pin is three-stated by
default.
Table 8. ADSP-21560/21561/21564/21568 Detailed Signal Descriptions (Continued)
Signal Name
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com