công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP21564WCSWZ10RL bảng dữ liệu(PDF) 39 Page - Analog Devices

tên linh kiện ADSP21564WCSWZ10RL
Giải thích chi tiết về linh kiện  SHARC Single Core High Performance DSP (Up to 1 GHz)
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP21564WCSWZ10RL bảng dữ liệu(HTML) 39 Page - Analog Devices

Back Button ADSP21564WCSWZ10RL Datasheet HTML 35Page - Analog Devices ADSP21564WCSWZ10RL Datasheet HTML 36Page - Analog Devices ADSP21564WCSWZ10RL Datasheet HTML 37Page - Analog Devices ADSP21564WCSWZ10RL Datasheet HTML 38Page - Analog Devices ADSP21564WCSWZ10RL Datasheet HTML 39Page - Analog Devices ADSP21564WCSWZ10RL Datasheet HTML 40Page - Analog Devices ADSP21564WCSWZ10RL Datasheet HTML 41Page - Analog Devices ADSP21564WCSWZ10RL Datasheet HTML 42Page - Analog Devices ADSP21564WCSWZ10RL Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
Rev. 0
|
Page 39 of 81
|
August 2025
ADSP-21560/21561/21564/21568
Serial Ports (SPORTs)
To determine whether a device is compatible with the SPORT at clock speed n, the following specifications must be confirmed: frame sync
delay and frame sync setup and hold; data delay and data setup and hold; and serial clock (SPTx_CLK) width. In Figure 9, either the rising
edge or the falling edge of SPTx_A/BCLK (external or internal) can be used as the active sampling edge.
When externally generated, the SPORT clock is called fSPTCLKEXT:
When internally generated, the programmed SPORT clock (fSPTCLKPROG) frequency in megahertz is set by the following equation:
where CLKDIV is a field in the SPORT_DIV register that can be set from 0 to 65,535.
Table 24. SPORTs—External Clock1
1 Specifications apply to all four SPORTs.
All specifications are subject to change without notice.
Parameter
Min
Max
Unit
Timing Requirements
tSFSE
Frame Sync Setup Before SPTx_CLK
(Externally Generated Frame Sync in Either Transmit or Receive
Mode)2
2 Referenced to sample edge.
2ns
tHFSE
Frame Sync Hold After SPTx_CLK
(Externally Generated Frame Sync in Either Transmit or Receive
Mode)2
3ns
tSDRE
Receive Data Setup Before Receive SPTx_CLK2
2ns
tHDRE
Receive Data Hold After SPTx_CLK2
3ns
tSPTCLKW
SPTx_CLK Width3
3 This specification indicates the minimum instantaneous width or period that can be tolerated due to duty cycle variation or jitter on the ideal maximum external SPTx_CLK.
For the external SPTx_CLK ideal maximum frequency, see the fSPTCLKEXT specification in Table 14.
0.5 × tSPTCLKEXT – 1.5
ns
tSPTCLK
SPTx_CLK Period3
tSPTCLKEXT – 1.5
ns
Switching Characteristics
tDFSE
Frame Sync Delay After SPTx_CLK
(Internally Generated Frame Sync in Either Transmit or Receive
Mode)4
4 Referenced to drive edge.
11
ns
tHOFSE
Frame Sync Hold After SPTx_CLK
(Internally Generated Frame Sync in Either Transmit or Receive
Mode)4
2ns
tDDTE
Transmit Data Delay After Transmit SPTx_CLK4
11
ns
tHDTE
Transmit Data Hold After Transmit SPTx_CLK4
2ns
t
SPTCLKEXT
1
f
SPTCLKEXT
-----------------
=
f
SPTCLKPROG
f
SCLK0
CLKDIV
1
+

------------------------
=
t
SPTCLKPROG
1
f
SPTCLKPROG
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com