công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP-CM403CSWZ-CF bảng dữ liệu(PDF) 46 Page - Analog Devices

tên linh kiện ADSP-CM403CSWZ-CF
Giải thích chi tiết về linh kiện  Mixed-Signal Control Processor with ARM Cortex-M4 and 16-Bit ADCs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP-CM403CSWZ-CF bảng dữ liệu(HTML) 46 Page - Analog Devices

Back Button ADSP-CM403CSWZ-CF Datasheet HTML 42Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 43Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 44Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 45Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 46Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 47Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 48Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 49Page - Analog Devices ADSP-CM403CSWZ-CF Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 124 page
background image
Rev. A
|
Page 46 of 124
|
November 2015
ADSP-CM402F/CM403F/CM407F/CM408F/CM409F
TM0_ACLK3
TIMER0 Alternate Clock 3
A
PA_10
TM0_ACLK4
TIMER0 Alternate Clock 4
A
PA_09
TM0_ACLK5
TIMER0 Alternate Clock 5
A
PA_08
TM0_CLK
TIMER0 Clock
B
PB_06
TM0_CLK
TIMER0 Clock
D
PD_08
TM0_TMR0
TIMER0 Timer 0
B
PB_07
TM0_TMR0
TIMER0 Timer 0
D
PD_00
TM0_TMR1
TIMER0 Timer 1
B
PB_08
TM0_TMR1
TIMER0 Timer 1
D
PD_01
TM0_TMR2
TIMER0 Timer 2
B
PB_09
TM0_TMR2
TIMER0 Timer 2
D
PD_02
TM0_TMR3
TIMER0 Timer 3
A
PA_15
TM0_TMR3
TIMER0 Timer 3
D
PD_03
TM0_TMR4
TIMER0 Timer 4
A
PA_12
TM0_TMR4
TIMER0 Timer 4
D
PD_04
TM0_TMR5
TIMER0 Timer 5
A
PA_13
TM0_TMR5
TIMER0 Timer 5
D
PD_05
TM0_TMR6
TIMER0 Timer 6
A
PA_14
TM0_TMR6
TIMER0 Timer 6
D
PD_06
TM0_TMR7
TIMER0 Timer 7
B
PB_05
TM0_TMR7
TIMER0 Timer 7
D
PD_07
TRACE_CLK
Embedded Trace Module Clock
B
PB_00
TRACE_D00
Embedded Trace Module Data 0
B
PB_01
TRACE_D01
Embedded Trace Module Data 1
B
PB_02
TRACE_D02
Embedded Trace Module Data 2
B
PB_03
TRACE_D03
Embedded Trace Module Data 3
C
PC_02
TRACE_D03
Embedded Trace Module Data 3
F
PF_02
TWI0_SCL
TWI0 Serial Clock
Not Muxed
TWI0_SCL
TWI0_SDA
TWI0 Serial Data
Not Muxed
TWI0_SDA
UART0_CTS
UART0 Clear to Send
B
PB_05
UART0_RTS
UART0 Request to Send
B
PB_04
UART0_RX
UART0 Receive
C
PC_01
UART0_TX
UART0 Transmit
C
PC_02
UART1_CTS
UART1 Clear to Send
A
PA_11
UART1_RTS
UART1 Request to Send
C
PC_07
UART1_RX
UART1 Receive
B
PB_08
UART1_RX
UART1 Receive
B
PB_15
UART1_TX
UART1 Transmit
B
PB_09
UART1_TX
UART1 Transmit
C
PC_00
UART2_RX
UART2 Receive
B
PB_12
UART2_TX
UART2 Transmit
C
PC_07
USB0_DM
USB0 Data –
Not Muxed
USB0_DM
USB0_DP
USB0 Data +
Not Muxed
USB0_DP
USB0_ID
USB0 OTG ID
Not Muxed
USB0_ID
USB0_VBC
USB0 VBUS Control
F
PF_02
USB0_VBUS
USB0 Bus Voltage
Not Muxed
USB0_VBUS
Table 18. ADSP-CM409F 212-Ball BGA Signal Descriptions (Continued)
Signal Name
Description
Port
Pin Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More