công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M95020-RMN3TP bảng dữ liệu(PDF) 8 Page - STMicroelectronics

tên linh kiện M95020-RMN3TP
Giải thích chi tiết về linh kiện  4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95020-RMN3TP bảng dữ liệu(HTML) 8 Page - STMicroelectronics

Back Button M95020-RMN3TP Datasheet HTML 4Page - STMicroelectronics M95020-RMN3TP Datasheet HTML 5Page - STMicroelectronics M95020-RMN3TP Datasheet HTML 6Page - STMicroelectronics M95020-RMN3TP Datasheet HTML 7Page - STMicroelectronics M95020-RMN3TP Datasheet HTML 8Page - STMicroelectronics M95020-RMN3TP Datasheet HTML 9Page - STMicroelectronics M95020-RMN3TP Datasheet HTML 10Page - STMicroelectronics M95020-RMN3TP Datasheet HTML 11Page - STMicroelectronics M95020-RMN3TP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
M95040, M95020, M95010
8/37
SPI Modes
These devices can be driven by a microcontroller
with its SPI peripheral running in either of the two
following modes:
–
CPOL=0, CPHA=0
–
CPOL=1, CPHA=1
For these two modes, input data is latched in on
the rising edge of Serial Clock (C), and output data
is available from the falling edge of Serial Clock
(C).
The difference between the two modes, as shown
in Figure 5., is the clock polarity when the bus
master is in Stand-by mode and not transferring
data:
–
C remains at 0 for (CPOL=0, CPHA=0)
–
C remains at 1 for (CPOL=1, CPHA=1)
Figure 5. SPI Modes Supported
AI01438B
C
MSB
CPHA
D
0
1
CPOL
0
1
Q
C
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37