công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AVR-M1608C270KT2AB bảng dữ liệu(PDF) 13 Page - TDK Electronics

tên linh kiện AVR-M1608C270KT2AB
Giải thích chi tiết về linh kiện  Chip varistors Voltage Protection Devices
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TDK [TDK Electronics]
Trang chủ  http://www.tdk.com
Logo TDK - TDK Electronics

AVR-M1608C270KT2AB bảng dữ liệu(HTML) 13 Page - TDK Electronics

Back Button AVR-M1608C270KT2AB Datasheet HTML 6Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 7Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 8Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 9Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 10Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 11Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 12Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 13Page - TDK Electronics AVR-M1608C270KT2AB Datasheet HTML 14Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
(13/14)
20231012 / vpd_automotive_varistors_avr_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Voltage Protection Devices
Chip varistors
Automotive grade
REEL DIMENSIONS
PACKAGE QUANTITY / INDIVIDUAL WEIGHT
TAPE DIMENSIONS
Packaging style
Product compatible with RoHS directive
Compatible with lead-free solders
AEC-Q200
ø180
±2.0
2.0
±0.5
ø13
±0.2
ø21
±0.8
Dimensions in mm
0.8
14.0max.
9.0max.
Type
Package quantity
Individual weight
(pieces/reel)
(mg)
1005
10,000
1.3
1608
4,000
5.3
2012
2,000
13.0
Dimensions in mm
Type
A
B
P1
T
1005
0.65+0.05/–0.1
1.15+0.05/–0.1
2±0.05
0.65max.
1608
1.1±0.2
1.9±0.2
4±0.1
1.1max.
2012
1.6±0.2
2.3±0.2
4±0.1
1.7max.
4.0±0.1
2.0±0.05
A
P1
T
1.5
+0.1
0
Dimensions in mm
160min.
Taping
200min.
200min.
Drawing direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14