công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BCSC241D4 bảng dữ liệu(PDF) 11 Page - TDK Electronics

tên linh kiện BCSC241D4
Giải thích chi tiết về linh kiện  Film solar cell Amorphous silicon type Low illumination solar cell
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TDK [TDK Electronics]
Trang chủ  http://www.tdk.com
Logo TDK - TDK Electronics

BCSC241D4 bảng dữ liệu(HTML) 11 Page - TDK Electronics

Back Button BCSC241D4 Datasheet HTML 7Page - TDK Electronics BCSC241D4 Datasheet HTML 8Page - TDK Electronics BCSC241D4 Datasheet HTML 9Page - TDK Electronics BCSC241D4 Datasheet HTML 10Page - TDK Electronics BCSC241D4 Datasheet HTML 11Page - TDK Electronics BCSC241D4 Datasheet HTML 12Page - TDK Electronics BCSC241D4 Datasheet HTML 13Page - TDK Electronics BCSC241D4 Datasheet HTML 14Page - TDK Electronics BCSC241D4 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
SOLAR CELL
(11/17)
20240527 / film-solarcell_bcs_en.fm
BCS4630B9
CHARACTERISTICS SPECIFICATION TABLE
• Standard output with initial value at 25°C. It is not guaranteed.
• The product thickness shows the typical value.
• The operating temperature range is -20 to +60°C. The characteristics vary depending on the operating temperature.
• Continuous light irradiation causes a decrease in output over time, called light deterioration, which is called light deterioration.
• Spring probes, heat seals and conductive adhesives are recommended for circuit connections.
• Please contact our sales department, our distributors, or our website if you would like to consider using the product for mass production or request a custom design.
IV CHARACTERISTICS
200Lx, 500Lx
Initial value at 25°C
3000Lx, 5000Lx
Initial value at 25°C
50000Lx
Initial value at 25°C
Note) It is not in the reference value of a guaranteed value.
The operating voltages and operating currents in the table are examples. It is different from the maximum output point.
Product
size
Thickness
(Electrode part)
Thickness
(Other)
Individual
weight
Number of
series cells
Output at illuminance 200Lx
(Standard value)
Operating
current
Operating
voltage
Open circuit
voltage
46×30mm
0.18mm
0.15mm
0.20g
9 cells
19µA
3.8V
6.3V
Illuminance
(Lx)
Open circuit
voltage
(V)
Operating current
(µA)
〔Vop3.8V〕
200
6.3
19
500
6.7
47
0
50
10
30
40
20
60
02
14
3
6
57
8
Voltage (V)
500Lx
200Lx
Illuminance
(Lx)
Open circuit
voltage
(V)
Operating current
(µA)
〔Vop3.8V〕
3000
7.6
355
5000
7.7
565
0
100
300
200
700
600
500
400
012
3
9
8
7
6
5
4
Voltage (V)
5000Lx
3000Lx
Illuminance
(Lx)
Open circuit
voltage
(V)
Operating current
(µA)
〔Vop3.8V〕
50000
8.2
1,350
This product is in preparation for mass production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com