công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AVR-M2012 bảng dữ liệu(PDF) 9 Page - TDK Electronics

tên linh kiện AVR-M2012
Giải thích chi tiết về linh kiện  Chip varistors Voltage Protection Devices
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TDK [TDK Electronics]
Trang chủ  http://www.tdk.com
Logo TDK - TDK Electronics

AVR-M2012 bảng dữ liệu(HTML) 9 Page - TDK Electronics

Back Button AVR-M2012 Datasheet HTML 5Page - TDK Electronics AVR-M2012 Datasheet HTML 6Page - TDK Electronics AVR-M2012 Datasheet HTML 7Page - TDK Electronics AVR-M2012 Datasheet HTML 8Page - TDK Electronics AVR-M2012 Datasheet HTML 9Page - TDK Electronics AVR-M2012 Datasheet HTML 10Page - TDK Electronics AVR-M2012 Datasheet HTML 11Page - TDK Electronics AVR-M2012 Datasheet HTML 12Page - TDK Electronics AVR-M2012 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
(9/14)
20231012 / vpd_automotive_varistors_avr_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Voltage Protection Devices
Chip varistors
Automotive grade
Board design
When attached to chip varistors, amount of silver used (fillet size)
has direct impact on chip varistors after mounting. Thus, sufficient
consideration is necessary.
Set of land dimensions
(1) As the stress rises in the chip varistors owing to the increase in
silver, breakage and cracks will occur. Cause including crack, as
caution on board land design, configure the shape and dimensions
so that the amount of silver is appropriate. If you installed 2 or
more parts in the Common Land, separated by a solder resist and
special land of each component.
(2) When peak levels panning-at soldering is excessive, by solder
contraction stress, mechanical-thermal stress causes a Yasuku
chip crack. In addition, when the peak level is underestimated, ter-
minal electrode fixed strength is insufficient. This causes
chip
dropouts and may affect circuit reliability. Representative example
of the panning of peak levels is shown in the following.
Recommended silver dose
Case and suggested protocol want to avoid
Attention on a circuit board design
Product compatible with RoHS directive
Compatible with lead-free solders
AEC-Q200
Dimensions shape
Symbol
A
B
C
1005
0.30 to 0.50
0.35 to 0.45
0.40 to 0.60
1608
0.60 to 0.80
0.60 to 0.80
0.60 to 0.80
2012
0.90 to 1.20
0.70 to 0.90
0.90 to 1.20
A
B
C
Solder volume
overload
Solder stress is increased,
and it is easy for a crack to
form.
Decent solder
volume
Solder volume
deficit
Fixed strength is weak, and
there is connection a prob-
lem and risk of loss.
Example
Cases to avoid
Improvement example
(land division)
Lead wire and land
of part discrete
doubles up
Arrangements in
the vicinity
Arrangements of
chip component's
companion
Most large serving amount
Minimum prime amount
Solder
Chip
Leads
PCB
Solder resist
Leads
Solder
(ground solder)
Chassis
L1
Solder resist
L2
L2>L1
Land
Land
Excess solder
Missing solder
Solder resist



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com