| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACM2012 bảng dữ liệu(PDF) 7 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
ACM2012 bảng dữ liệu(HTML) 7 Page - TDK Electronics |
|
7 / 7 page ![]() (7/7) 20151227 / cmf_commercial_signal_acm2012_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. EMC Components ACM2012 Type PACKAGING STYLE REEL DIMENSIONS TAPE DIMENSIONS Type A W1 W2 N E ACM2520 ø180±3 9+1/–0 13±1 60+1–0 2 typ. Dimensions in mm Type A B øD0 E F P0 P1 P2 W K t ACM2520 2.4±0.1 2.9±0.1 1.5+0.1/0 1.75±0.1 3.5±0.1 4.0±0.1 4.0±0.1 2.0±0.1 8.0±0.2 1.45±0.1 0.25±0.05 ø13.0 ±0.2 ø21.0 ±0.8 E 2.0 ±0.5 A Dimensions in mm 1.0 W2 W1 P0 P1 P2 øD0 A t K 160min. Taping 440min. Drawing direction 500 to 560min. Dimensions in mm |