| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9511-VCO/PCB bảng dữ liệu(PDF) 27 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9511-VCO/PCB bảng dữ liệu(HTML) 27 Page - Analog Devices |
|
27 / 60 page ![]() AD9511 Rev. B | Page 27 of 60 PLL WITH EXTERNAL VCO AND BAND-PASS FILTER FOLLOWED BY CLOCK DISTRIBUTION An external band-pass filter may be used to try to improve the phase noise and spurious characteristics of the PLL output. This option is most appropriate to optimize cost by choosing a less expensive VCO combined with a moderately priced filter. Note that the BPF is shown outside of the VCO-to-N divider path, with the BP filter outputs routed to CLK1. Some power can be saved by shutting off unused functions, as well as by powering down any unused clock channels (see the Register Map and Description section). R N PFD STATUS CHARGE PUMP LVPECL DIVIDE LVPECL DIVIDE LVPECL DIVIDE LVDS/CMOS DIVIDE LVDS/CMOS DIVIDE T FUNCTION VREF AD9511 PLL REF CLK1 CLK2 REFERENCE INPUT REFIN LOOP FILTER VCO BPF CLOCK OUTPUTS SERIAL PORT Figure 32. AD9511 with VCO and BPF Filter |