| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4373400 bảng dữ liệu(PDF) 3 Page - Labfacility Ltd |
|
|
|||||||||||||||||||||||||||||
4373400 bảng dữ liệu(HTML) 3 Page - Labfacility Ltd |
|
3 / 4 page ![]() Datasheet Connector Panel Systems - 12 Mar-24 Similar Products in Range: Stock Number Manufacturers Number Thermocouple Type Size Colour Code Number of connectors/Way s Panel Size 4373398 AS-K-FF + FSP-1 K Standard ANSI 1 66mm x 50mm 4373399 AS-K-FF + FSP-2 K Standard ANSI 2 66mm x 69mm 4373400 AS-K-FF + FSP-3 K Standard ANSI 3 66mm x 88mm 4373401 AS-K-FF + FSP-4 K Standard ANSI 4 66mm x 107mm 4373402 AS-K-FF + FSP-6 K Standard ANSI 6 66mm x 145mm 4373403 AS-K-FF + FSP-10 K Standard ANSI 10 66mm x 221mm 4373404 AS-K-FF + FSP-20 K Standard ANSI 20 111mm x 221mm 4373414 AM-K-FF + FMP-1 K Miniature ANSI 1 45mm x 40mm 4373415 AM-K-FF + FMP-2 K Miniature ANSI 2 45mm x 55mm 4373416 AM-K-FF + FMP-3 K Miniature ANSI 3 45mm x 70mm 4373417 AM-K-FF + FMP-4 K Miniature ANSI 4 45mm x 85mm 4373419 AM-K-FF + FMP-6 K Miniature ANSI 6 45mm x 115mm 4373421 AM-K-FF + FMP-12 K Miniature ANSI 12 45mm x 205mm 4373422 AM-K-FF + FMP-16 K Miniature ANSI 16 75mm x 145mm 4373423 AM-K-FF + FMP-20 K Miniature ANSI 20 75mm x 175mm |