công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DFR0649 bảng dữ liệu(PDF) 4 Page - DFROBOT

tên linh kiện DFR0649
Giải thích chi tiết về linh kiện  SKU:DFR0649
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DFROBOT [DFROBOT]
Trang chủ  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0649 bảng dữ liệu(HTML) 4 Page - DFROBOT

  DFR0649 Datasheet HTML 1Page - DFROBOT DFR0649 Datasheet HTML 2Page - DFROBOT DFR0649 Datasheet HTML 3Page - DFROBOT DFR0649 Datasheet HTML 4Page - DFROBOT DFR0649 Datasheet HTML 5Page - DFROBOT DFR0649 Datasheet HTML 6Page - DFROBOT DFR0649 Datasheet HTML 7Page - DFROBOT DFR0649 Datasheet HTML 8Page - DFROBOT DFR0649 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Tutorial
The product is a Breakout module. It adopts SPI communication and has onboard GDI interface, which reduces the complexity of wiring and can
easily display the contents read from SD card.
NOTE
1. GDI interface could only work well with maincontrollers with GDI.
2. It is recommended to use Arduino 1.8.10 and above.
3. If the SD card is not in good contact, it may fail to initialize, and then please try to replug it.
Requirements
Hardware
DFRduino UNO R3 (https://www.dfrobot.com/product-838.html) (or similar) x 1
1.54" 240x240 LCD Module x 1
M-M/F-M/F-F Jumper wires
Wires
Software
Arduino IDE (https://www.arduino.cc/en/Main/Software)
Download and install the DFRobot_GDL Library (https://codeload.github.com/DFRobot/DFRobot_GDL/zip/master) (About how to
install the library? (https://www.arduino.cc/en/Guide/Libraries#.UxU8mdzF9H0))
DFRobot_GDL API Function, click to find more detailed information (https://github.com/DFRobot/DFRobot_GDL/wiki/English-WIKI)
NOTE
1. All the demo files of this product are stored in file DFRobot_GDL->example->basic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28