| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DFR0547 bảng dữ liệu(PDF) 6 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0547 bảng dữ liệu(HTML) 6 Page - DFROBOT |
|
6 / 9 page ![]() There are two M.2 PCIe connectors (B&M Key and A&E Key), which enable various expandable capabilities including SSD, GPU, Wired, and Wireless Network. In addition, LP has more types of interfaces, which can be directly connected with,for example, HDMI and Internet cable. Independent USB 3.0 interfaces can be connected to USB2.0 & 3.0 devices. No need for additional docking |