| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VN920DSO bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VN920DSO bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 22 page ![]() 2/22 VN920D-B5 / VN920DSO ABSOLUTE MAXIMUM RATING CONNECTION DIAGRAM (TOP VIEW) CURRENT AND VOLTAGE CONVENTIONS Symbol Parameter Value Unit P2PAK SO-16L VCC DC Supply Voltage 41 V - VCC Reverse DC Supply Voltage - 0.3 V - IGND DC Reverse Ground Pin Current - 200 mA IOUT DC Output Current Internally Limited A - IOUT Reverse DC Output Current - 25 A IIN DC Input Current +/- 10 mA ISTAT DC Status Current +/- 10 mA VESD Electrostatic Discharge (Human Body Model: R=1.5K Ω; C=100pF) - INPUT - CURRENT SENSE - OUTPUT - VCC 4000 4000 5000 5000 V V V V EMAX Maximum Switching Energy (L=0.25mH; RL=0Ω; Vbat=13.5V; Tjstart=150ºC; IL=45A) 364 352 mJ Ptot Power Dissipation TC=25°C 96.1 8.3 W Tj Junction Operating Temperature Internally Limited °C Tc Case Operating Temperature - 40 to 150 °C Tstg Storage Temperature - 55 to 150 °C VCC OUTPUT OUTPUT OUTPUT OUTPUT VCC OUTPUT OUTPUT VCC N.C. N.C. STATUS INPUT VCC GND N.C. 1 8 9 16 SO-16L INPUT IS IIN VIN VCC STATUS ISTAT VSTAT GND VCC IOUT VOUT IGND OUTPUT 3 2 1 4 5 VCC GND INPUT STATUS OUTPUT P2PAK Connection / Pin Status N.C. Output Input Floating X X X X To Ground X Through 10K Ω resistor |