| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICUSB2324I bảng dữ liệu(PDF) 1 Page - StarTech.com Ltd. |
|
|
|||||||||||||||||||||||||||||
ICUSB2324I bảng dữ liệu(HTML) 1 Page - StarTech.com Ltd. |
|
1 / 4 page ![]() 4 Port USB to DB9 RS232 Serial Adapter Hub – Industrial DIN Rail and Wall Mountable Product ID: ICUSB2324I The ICUSB2324I 4-Port Industrial USB to Serial Hub with DIN Rail Clips converts a single USB port into four RS232 serial ports, enabling you to connect to, monitor and control your serial devices. Featuring rugged metal construction, with sturdy wall-mounting brackets and top-hat DIN Rail clips (included), this USB to Serial Hub provides versatile mounting options and a robust solution for both harsh industrial environments and simple desktop installations. This USB powered adapter also retains assigned serial COM port values once connected, allowing the same values to be automatically reassigned to the ports provided by the adapter. Backed by a StarTech.com 2-year warranty and free lifetime technical support. Certifications, Reports and Compatibility Applications • Perfect for IT Administrators looking to add legacy functionality to newer notebooks, PCs and servers that lack an integrated RS232 port • Connect, monitor and control industrial/automotive sensors and equipment • Connect bar code scanners, receipt printers and other point of sale devices • Connect a satellite receiver, serial modem, or PDA with serial sync • Connect and program LED and Digital signage boards with serial communication ports |
Số phần tương tự - ICUSB2324I |
|
Mô tả tương tự - ICUSB2324I |