| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICUSB2321F bảng dữ liệu(PDF) 2 Page - StarTech.com Ltd. |
|
|
|||||||||||||||||||||||||||||
ICUSB2321F bảng dữ liệu(HTML) 2 Page - StarTech.com Ltd. |
|
2 / 4 page ![]() Features Integrated FTDI USB UART Chip Baud Rate up to 115.2Kbps COM Port assignments maintained across reboot Powered by the USB port - no external power adapter required Single cable design for portability Designed to make serial port expansion quick and easy Compatible with Windows®, Mac OS and Linux 6-foot cable length for connecting to devices without having to be too close USB to Straight-Through RS232 Serial Adapter www.startech.com/uk 0800 169 0408 |