| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
442BA4WBDC bảng dữ liệu(PDF) 2 Page - CTS Corporation |
|
|
|||||||||||||||||||||||||||||
442BA4WBDC bảng dữ liệu(HTML) 2 Page - CTS Corporation |
|
2 / 2 page ![]() MOUNTING STYLE T – TOP MOUNT B – BOTTOM MOUNT S – SIDE MOUNT N – NO MOUNTING TABS TRAVEL A – 1.250" (31.7mm) ACTUATOR LENGTH 2 – .250" (6.35mm) 3 – .375" (9.53mm) 4 – .500" (12.7mm) 5 – .625" (15.9mm) 6 – .750" (19.1mm) 7 – .875" (22.2mm) 8 – 1.000" (25.4mm) R – .218" (5.54mm) S – .313" (7.98mm) T – .438" (11.13mm) TERMINAL STYLE T – SOLDER LUG X – STRAIGHT P.C. W– WIREWRAP H – HOOK TYPE,SNAP-IN SPECIALS N – NO SPECIALS C – CENTER DETENT Ordering Information CTS Series 442 442 103 DIMENSION: mm INCH RESIST TOL A – ±10% B – ±20% C – ±30% TAPER D – LINEAR A – CW 10% AUD B – CCW 10% AUD RESISTANCE CODE EXAMPLES CODE RESISTANCE 501 500 OHMS 102 1K 252 2.5K 502 5K 103 10K 253 25K 104 100K 105 1MEG .063 2.11 Ø2.08 .082 5.16 1.586 OF ACTUATOR Ø2.08 SUGGESTED PANEL PIERCING VIEWED FROM TOP SIDE FOR TWIST TABS AND ACTUATOR FROM TOP SIDE FOR TWIST TABS SUGGESTED PANEL PIERCING VIEWED 52.10 2.051 MAX. 1.250±.002 31.70±0.50 STROKE 3.56±0.13 .140±.005 5.59±0.13 .220±.005 L ± .375±.008 9.53±0.20 0.38 .015 13.77±0.13 .542±.005 38.1 1.500 2.038 51.77 6.83 .269 3.18 .125 .164 4.17 .056 1.42 4.17 .164 2.038 51.77 .056 1.42 OF ACTUATOR 2.54 2.06 40.28 5.16 40.28 .203 .082 (3) 1.60 .083 1.586 .203 Ø2.08 .082 (3) .100 .081 SUGGESTED PANEL PIERCING VIEWED FROM CENTERLINE OF CONTROL FOR VERTICAL P.C. TERMINALS CONTROL SIDE FOR STRAIGHT P.C. & WIREWRAP TERMINALS SUGGESTED PANEL PIERCING VIEWED FROM 4.32 .170 ±0.76 ±.030 ±0.76 10.16 .400±.030 ±0.76 9.91 .390 ±.030 STRAIGHT P.C. SOLDER LUG WIRE WRAP ALTERNATE TERMINAL STYLES MOUNTING SURFACE P.C. BOARD Ø2.13 .084 CHECK CTS FOR AVAILABILITY CONSTRUCTION NO MOUNT .528±.010 13.41±0.25 4.32±0.76 .170±.030 5.54 .218 LOW END .180±.030 4.57±0.76 7.29 .287 .439 11.15 .078 1.98 3.96±0.13 .156±.005 6.76 .266 .328 8.33 5.54±0.13 .218±.005 .156±.005 3.96±0.13 2.36±0.13 .093±.005 3.96 .156 20.88 .822 .604 15.34 .156 ±.005 3.96 ±0.13 .218±.005 5.54±0.13 5.54±0.13 .218±.005 BOTTOM MOUNTING SURFACE SURFACE SIDE MOUNTING L C L C B D N T 2 A T ±0.30 1.30 .051 ±.012 VERTICAL P.C. VERTICAL P.C. Ø2.08 .082 5.26 .207 40.28 1.586 8.48 .334 9.38 .382 CENTERLINE 2 - 2 © 2006 CTS Corporation. All rights reserved. Information subject to change. 9/21/06 CTS Electronic Components www.ctscorp.com U – VERTICAL P.C. CONTROL SIDE FOR SNAP-IN P.C. TERMINALS SUGGESTED PANEL PIERCING VIEWED FROM |